Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 2 Page - Supertex, Inc

  HV256 Datasheet HTML 1Page - Supertex, Inc HV256 Datasheet HTML 2Page - Supertex, Inc HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
HV256
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Operating Conditions
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device at the
absolute rating level may affect device reliability. All voltages are referenced to device ground.
Device
Package Option
100-Lead MQFP
HV256
HV256FG
HV256FG-G
Parameter
Value
V
PP,
High voltage supply
310V
AV
DD, Analog low voltage positive supply
8.0V
DV
DD, Digital low voltage positive supply
8.0V
AV
NN, Analog low voltage negative supply
-7.0V
DV
NN, Digital low voltage negative supply
-7.0V
Logic input voltage
-0.5V to DV
DD
V
SIG, Analog input signal
0V to 6.0V
SRV
PP, VPP ramp up/down
TBDV/usec
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
V
PP
High voltage positive supply
125
-
300
V
---
V
DD
Low voltage positive supply
6.0
-
7.5
V
---
V
NN
Low voltage negative supply
-4.5
-
-6.5
V
---
I
PP
V
PP supply current
-
-
0.8
mA
V
PP = 300V, All HVOUT = 0V No load
I
DD
V
DD supply current
-
-
5.0
mA
V
DD = 6.0V to 7.5V
I
NN
V
NN supply current
-6.0
-
-
mA
V
NN = -4.5V to -6.5V
T
J
Operating temperature range
-10
-
85
°C
---
Symbol
Parameter
Min
Typ
Max
Units
Conditions
HV
OUT
HV
OUT voltage swing
0
-
V
PP- 5.0
V
---
V
IN
Input voltage range
0
-
5.0
V
---
V
INOS
Input voltage offset
-
-
±50
mV
Input referred
SR
HV
OUT slew rate rise
-
2.2
-
V/µs
No Load
HV
OUT slew rate fall
-
2.0
-
V/µs
No Load
BW
HV
OUT -3dB channel bandwidth
-
4.0
-
KHz
V
PP = 300V
A
O
Open loop gain
70
100
-
dB
---
A
V
Closed loop gain
68.4
72
75.6
V/V
---
R
FB
Feedback resistance from HV
OUT to ground
9.6
12
-
MΩ
---
C
LOAD
HV
OUTt capacitive load
0
-
3000
pF
---
I
SOURCE
HV
OUT sourcing current limiting range
385
550
715
µA
R
SOURCE = 25KΩ
I
SINK
HV
OUT sinking current limiting range
385
550
715
µA
R
SINK = 25KΩ
R
SOURCE
External resistance range for setting
maximum current source
25
-
250
KΩ
---
R
SINK
External resistance range for setting
maximum current sink
25
-
250
KΩ
---
CT
DC
DC channel to channel crosstalk
-80
-
-
dB
---
PSRR
Power supply rejection ratio for V
PP, VDD, VNN
-40
-
-
dB
---
Electrical Characteristics (over operating conditions, unless otherwise specified)
High Voltage Amplifier
-G indicates package is RoHS compliant (‘Green’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com