Electronic Components Datasheet Search
  English  ▼

X  

HV256 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV256
Description  32-Channel High Voltage Amplifi er Array
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256 Datasheet(HTML) 4 Page - Supertex, Inc

  HV256 Datasheet HTML 1Page - Supertex, Inc HV256 Datasheet HTML 2Page - Supertex, Inc HV256 Datasheet HTML 3Page - Supertex, Inc HV256 Datasheet HTML 4Page - Supertex, Inc HV256 Datasheet HTML 5Page - Supertex, Inc HV256 Datasheet HTML 6Page - Supertex, Inc HV256 Datasheet HTML 7Page - Supertex, Inc HV256 Datasheet HTML 8Page - Supertex, Inc HV256 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
HV256
Power Up/Down Issues
External Diode Protection
The device can be damaged due to improper power up / down
sequence. To prevent damage, please follow the acceptable power
up / down sequences, and add two external diodes as shown in
the diagram on the right. The first diode is a high voltage diode
across V
PP and VDD , where the anode of the diode is connected
to V
DD and the cathode of the diode is connected to VPP. Any low
current, high voltage diode, such as a 1N4004, will be adequate.
The second diode is a Schottky diode across V
NN and DGND , where
the anode of the Schottky diode is connected to V
NN , and the
cathode is connected to D
GND. Any low current Schottky diode such
as a 1N5817 will be adequate.
Acceptable Power Up Sequences
The HV256 can be powered up with any of the following sequences
listed below.
1) V
PP
2) V
NN
3) V
DD
4) Inputs and Anode
1) V
NN
2) V
DD
3) V
PP
4) Inputs and Anode
1) V
DD & VNN
2) Inputs 3) V
PP 4) Anode
Acceptable Power Down Sequences
The HV256 can be powered down with any of the following
sequences listed below.
1) Inputs and Anode 2) V
DD
3) V
NN
4) V
PP
1) Inputs and Anode 2) V
PP
3) V
DD
4) V
NN
1) Anode 2) V
PP
3) Inputs 4) V
NN &
V
DD
External Diode Protection Connection
Suggested Power Up/Down Sequence
The HV256 needs all power supplies to be fully up and all channels
refreshed with V
SIG = 0V to force all high voltage outputs to 0V.
Before that time, the high voltage outputs may have temporary
voltage excursions above or below GND level depending on
selected power up sequence. To minimize the excursions:
1. The V
DD and VNN power supplies should be applied at the same
time (or within a few nanoseconds).
Suggested V
PP ramp up speed should be 10msec or longer and
ramp down to be 1msec or longer.
VDD
VPP
1N4004 or similar
VNN
DGND
1N5817 or similar
Recommended Power Up/Down Timing
0V
VNN
6.5V
-5.5V
0V
300V
0V
HVOUT
0V
VIN
Gnd +/- V offset X 72
0V
0V
6.5V
-5.5V
0V
VDD
VPP
300V
0V
0V
Gnd +/- V offset X 72
0V
HV
OUT Level at Power UP
Power Up Sequence
VNN Before VDD
0V
VNN
6.5V
-5.5V
-5.5V
0V
VDD
VPP
0V
HVOUT
0V
0V
VNN
6.5V
6.5V
-5.5V
0V
VDD
VPP
0V
HVOUT
0V
VDD Before VNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com