Electronic Components Datasheet Search
  English  ▼

X  

SC480 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 5Page - Semtech Corporation SC480 Datasheet HTML 6Page - Semtech Corporation SC480 Datasheet HTML 7Page - Semtech Corporation SC480 Datasheet HTML 8Page - Semtech Corporation SC480 Datasheet HTML 9Page - Semtech Corporation SC480 Datasheet HTML 10Page - Semtech Corporation SC480 Datasheet HTML 11Page - Semtech Corporation SC480 Datasheet HTML 12Page - Semtech Corporation SC480 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
Figure 1
Block Diagram
FAULTMON
SENSE
POR/SS
VSSA
LO
HI
SHOOT
THRU
CONTROL
OV
UV
+16%
-10%
-30%
SD
PWM
1.5V
VMON
1.5V
REF
-30%
+16%
-10%
FB
VDDQS
TON
EN/ PSV
REF
VCCA
DSCHG
PGD
ILIM
PGND1
DL
VDDP
LX
DH
BST
VTTS
OTSD
TON/ TOFF
DSCHG
VDDQS
VTTRUN
OV
SD
LX
DL
DSCHG
FEDLY
VTTPGD
DRVL
DRVH
-12%
+12%
VDDQS
VCCA
POR/SS
VTTEN
DRVH
NOVLP
DRVL
OTSD
PGND2
VTT
VTTIN
+12%
-12%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com