Electronic Components Datasheet Search
  English  ▼

X  

SC480 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 1 Page - Semtech Corporation

  SC480 Datasheet HTML 1Page - Semtech Corporation SC480 Datasheet HTML 2Page - Semtech Corporation SC480 Datasheet HTML 3Page - Semtech Corporation SC480 Datasheet HTML 4Page - Semtech Corporation SC480 Datasheet HTML 5Page - Semtech Corporation SC480 Datasheet HTML 6Page - Semtech Corporation SC480 Datasheet HTML 7Page - Semtech Corporation SC480 Datasheet HTML 8Page - Semtech Corporation SC480 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC480
Complete DDR1/2/3
Memory Power Supply
November 3, 2006
Description
Features
The SC480 is a combination switching regulator and
linear source/sink regulator intended for DDR1/2/3
memory systems. The purpose of the switching regulator
is to generate the supply voltage, VDDQ, for the memory
system.
It is a pseudo-fixed frequency constant on-
time controller designed for high efficiency, superior DC
accuracy, and fast transient response. The purpose of the
linear source/sink regulator is to generate the memory
termination voltage, VTT, with the ability to source and
sink a 3A peak current.
For the VDDQ regulator, the switching frequency is constant
until a step in load or line voltage occurs at which time the
pulse density, i.e., frequency, will increase or decrease to
counter the transient change in output or input voltage.
After the transient, the frequency will return to steady-state
operation. At lighter loads, the selectable Power-Save
Mode enables the PWM converter to reduce its switching
frequency and improve efficiency. The integrated gate
drivers feature adaptive shoot-through protection and
soft-switching. Additional features include cycle-by-cycle
current limiting, digital soft-start, over-voltage and under-
voltage protection and a power good flag.
For the VTT regulator, the output voltage tracks REF,
which is ½ VDDQ to provide an accurate termination
voltage. The VTT output is generated from a 1.2V to VDDQ
input by a linear source/sink regulator which is designed
for high DC accuracy, fast transient response, and low
external component count. All three outputs (VDDQ, VTT
and REF) are actively discharged when VDDQ is disabled,
reducing external component count and cost. The SC480
is available in a 24-pin MLPQ (4x4 mm) package.
Constant On-Time Controller for Fast Dynamic
Response on VDDQ
DDR1/DDR2/DDR3 Compatible
VDDQ = Fixed 1.8V or 2.5V, or Adjustable from
1.5V to 3.0V
1% Internal Reference (2% System Accuracy)
Resistor Programmable On-Time for VDDQ
VCCA/VDDP Range = 4.5V to 5.5V
VIN Range = 2.5V to 25V
VDDQ DC Current Sense Using Low-Side R
DS(ON)
Sensing or External R
SENSE in Series with Low-Side
FET
Cycle-by-Cycle Current Limit for VDDQ
Digital Soft-Start for VDDQ
Analog Soft-Start for VTT/REF
Smart Over-Voltage VDDQ Protection Against Source-
Current Loads
Combined EN and PSAVE Pin for VDDQ
Over-Voltage/Under-Voltage Fault Protection
Power Good Output
Separate VCCA and VDDP Supplies
VTT/REF Range = 0.75V – 1.5V
VTT Source/Sink 3A Peak
Internal Resistor Divider for VTT/REF
VTT is High Impedance in S3
VDDQ, VTT, REF Are Actively Discharged in S4/S5
24 Lead MLPQ (4x4 mm) Lead-Free Package
Fully WEEE and RoHS Compliant
Notebook Computers
CPU I/O Supplies
Handheld Terminals and PDAs
LCD Monitors
Network Power Supplies
Applications
Typical Application Circuit
REF
R7
10R
C10
1uF
VTT
C8
0.1uF
Q1
Q2
D1
C3
2x10uF
VBAT
R1
1Meg
L1
+
C6
VDDQ
VTT_EN
R6
10R
C9
1uF
VBAT
C7
1nF
C1
1uF
EN/PSV
C4
10uF
PGND2
1
VTTS
2
VSSA
3
TON
4
REF
5
VCCA
6
PGND1
18
PGND1
17
ILIM
16
VDDP
15
VDDP
14
PGD
13
PAD
U1
SC480
R4
VDDQ
5V
VTTSNS
PAD
C2
0.1uF
5V
PGOOD
RILIM
C11
1uF
C5
10uF
VDDQ
VDDQ


Similar Part No. - SC480

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
SC4806MLTRT SEMTECH-SC4806MLTRT Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
SC4808AIMSTR SEMTECH-SC4808AIMSTR Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
More results

Similar Description - SC480

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC486 SEMTECH-SC486 Datasheet
369Kb / 26P
Complete DDR1/2/3 Memory Power Supply
SC1486A SEMTECH-SC1486A_06 Datasheet
614Kb / 30P
Complete DDR1/2/3 Power Supply Controller
SC488 SEMTECH-SC488 Datasheet
806Kb / 24P
Complete DDR1/2/3 Memory Power Supply
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670AS STMICROELECTRONICS-PM6670AS Datasheet
717Kb / 54P
Complete DDR2/3 memory power supplies controller
14-Feb-2008
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
Complete DDR2/3 memory power supply
04-Nov-2008
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com