Electronic Components Datasheet Search
  English  ▼

X  

SC480 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 16Page - Semtech Corporation SC480 Datasheet HTML 17Page - Semtech Corporation SC480 Datasheet HTML 18Page - Semtech Corporation SC480 Datasheet HTML 19Page - Semtech Corporation SC480 Datasheet HTML 20Page - Semtech Corporation SC480 Datasheet HTML 21Page - Semtech Corporation SC480 Datasheet HTML 22Page - Semtech Corporation SC480 Datasheet HTML 23Page - Semtech Corporation SC480 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
POWER MANAGEMENT
Application Information (Cont.)
Adjustable 1.5V-3.0V: connect to divider network
1210
5V
R5
10R
C15
1uF
VTT
C16
0.1uF
Q1
IRF7811
D1
MBR0530
C2
10uF/25V
VBAT
R2
1MEG
L1
1.5uH
+
C9*
220uF/12m
VDDQ
VTT_EN
C11
0.1uF
R3
10R
C14
1uF
VBAT
C13
1nF
C4
1uF
EN/PSV
C5
10uF
PGND2
1
VTTS
2
VSSA
3
TON
4
REF
5
VCCA
6
PGND1
18
PGND1
17
ILIM
16
VDDP
15
VDDP
14
PGD
13
PAD
U1
SC480
R4
10K
C7
10uF
C3
10uF/25V
VDDQ
Q2
IRF7832
5V
PAD
+
C10*
220uF/12m
C1
0.1uF
5V
PGOOD
R1
5.62K
C12
1uF
C6
10uF
*Sanyo 4TPL220MC
C8
0.1uF
VDDQ
0805
1.8V fixed: connect to 5V
Vishay IHLP-5050
0805
0805
1210
REF
2.5V fixed: connect to VSSA
Figure 7 - Reference Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com