Electronic Components Datasheet Search
  English  ▼

X  

SC480 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 11Page - Semtech Corporation SC480 Datasheet HTML 12Page - Semtech Corporation SC480 Datasheet HTML 13Page - Semtech Corporation SC480 Datasheet HTML 14Page - Semtech Corporation SC480 Datasheet HTML 15Page - Semtech Corporation SC480 Datasheet HTML 16Page - Semtech Corporation SC480 Datasheet HTML 17Page - Semtech Corporation SC480 Datasheet HTML 18Page - Semtech Corporation SC480 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
For stability, place a 10Ω/1μF series combination from
REF to VSSA. If REF load capacitance exceeds 1μF, place
at least 10Ω in series with the load capacitance to prevent
instability. It is possible to use only one 10Ω resistor, by
connecting the load capacitors in parallel with the 1μF,
and connecting the load REF to the capacitor side of the
10Ω resistor. (See the Typical Application Circuit on Page
1.) Note that this resistor creates an error term when REF
has a DC load. In most applications this is not a concern
since the DC load on REF is negligible.
Design Procedure
Prior to designing a switching output and making com-
ponent selections, it is necessary to determine the input
voltage range and output voltage specifications. To dem-
onstrate the procedure, the output for the schematic in
Figure 7 on page 18 will be designed.
The maximum input voltage (V
BAT(MAX)) is determined by the
highest AC adaptor voltage. The minimum input voltage
(V
BAT(MIN)) is determined by the lowest battery voltage af-
ter accounting for voltage drops due to connectors, fuses
and battery selector switches. For the purposes of this
design example we will use a VBAT range of 8V to 20V to
design VDDQ.
Four parameters are needed for the design:
Nominal output voltage, V
OUT.
We will use 1.8V with
internal feedback resistors (FB pin tied to VCCA).
Static (or DC) tolerance, TOL
ST (we will use +/-2%).
Transient tolerance, TOL
TR and size of transient (we
will use +/-8% for a 10A to 5A load release for this
demonstration).
Maximum output current, I
OUT (we will design for 10A).
Switching frequency determines the trade-off between
size and efficiency. Increased frequency increases
the switching losses in the MOSFETs, and losses are a
function of VBAT2. Knowing the maximum input voltage
and budget for MOSFET switches usually dictates where
the design ends up. The default R
tON values of 1MΩ and
715kΩ are suggested only as a starting point.
The first thing to do is to calculate the on-time, t
ON, at
V
BAT(MIN) and VBAT(MAX), since this depends only upon VBAT, VOUT
and Rt
ON.
1.
2.
3.
4.
s
9
10
50
)
MIN
(
BAT
V
OUT
V
3
10
37
tON
R
12
10
3.3
N)
ON_VBAT(MI
t
and,
s
9
10
50
)
MAX
(
BAT
V
OUT
V
3
10
37
tON
R
12
10
3.3
X)
ON_VBAT(MA
t
From these values of t
ON we can calculate the nominal
switching frequency as follows:
Hz
N)
ON_VBAT(MI
t
BAT(MIN)
V
OUT
V
(MIN)
SW_VBAT
f
and,
Hz
X)
ON_VBAT(MA
t
BAT(MAX)
V
OUT
V
(MAX)
SW_VBAT
f
t
ON is generated by a one-shot comparator that samples
V
BAT via RtON, converting this to a current. This current is
used to charge an internal 3.3pF capacitor to V
OUT. The
equations above reflect this along with any internal com-
ponents or delays that influence t
ON. For our example we
select R
tON = 1MΩ:
t
ON_VBAT(MIN) = 820ns and, tON_VBAT(MAX) = 358ns
f
SW_VBAT(MIN) = 274kHz and fSW_VBAT(MAX) = 251kHz
Now that we know t
ON we can calculate suitable values for
the inductor. To do this we select an acceptable inductor
ripple current. The calculations below assume 50% of I
OUT
which will give us a starting place.
H
OUT
I
0.5
(MIN)
ON_VBAT
t
OUT
V
BAT(MIN)
V
(MIN)
VBAT
L
and,
H
OUT
I
0.5
X)
ON_VBAT(MA
t
OUT
V
BAT(MAX)
V
(MAX)
VBAT
L
For our example:
L
VBAT(MIN) = 1.02μH and LVBAT(MAX) = 1.30μH,
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com