Electronic Components Datasheet Search
  English  ▼

X  

SC480 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 13Page - Semtech Corporation SC480 Datasheet HTML 14Page - Semtech Corporation SC480 Datasheet HTML 15Page - Semtech Corporation SC480 Datasheet HTML 16Page - Semtech Corporation SC480 Datasheet HTML 17Page - Semtech Corporation SC480 Datasheet HTML 18Page - Semtech Corporation SC480 Datasheet HTML 19Page - Semtech Corporation SC480 Datasheet HTML 20Page - Semtech Corporation SC480 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
Ohms
0.015
V
0.015
R
Z
)
MIN
(
T
RIPPLE_VBA
BOT
TOP
Secondly calculating the value of C
TOP required to achieve
this:
F
)
MIN
(
VBAT
_
SW
f
2
TOP
R
1
TOP
Z
1
TOP
C
Since our example uses internal feedback ,this method
cannot be used, however the voltage seen at the internal
FB point is already greater than 15mV.
Next we need to calculate the minimum output capaci-
tance required to ensure that the output voltage does not
exceed the transient maximum limit, POSLIM
TR, starting
from the actual static maximum, V
OUT_ST_POS, when a load
release occurs:
V
DC
ERR
OUT
V
OUT_ST_POS
V
For our example:
V
OUT_ST_POS = 1.818V,
V
TR
TOL
OUT
V
TR
POSLIM
Where TOL
TR is the transient tolerance. For our example:
POSLIM
TR = 1.944V,
The minimum output capacitance is calculated as fol-
lows:
A
2
)
MAX
(
T
RIPPLE_VBA
I
)
MAX
(
OUT
I
init
I
and,
F
2
OUT_ST_POS
V
2
TR
POSLIM
2
Ifinal
2
Iinit
L
OUT(MIN)
C
This calculation assumes the condition of a full-load to no-
load step transient occurring when the inductor current is
at its highest. The capacitance required for smaller tran-
sient steps my be calculated by substituting the desired
current for the I
final term. In this case Ifinal is set for 5A.
For our example:
C
OUT(MIN) = 392μF.
We will select 440μF, using two 220μF, 12mΩ capacitors
in parallel.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
RMS
MIN
_
BAT
OUT
OUT
)
MIN
(
BAT
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
For our example:
I
IN(RMS) = 4.17ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10μF,
1210 size, 25V ceramic capacitor can handle approxi-
mately 3A
RMS. Refer to manufacturer’s data sheets and
derate appropriately.
Finally, we calculate the current limit resistor value. As de-
scribed in the current limit section, the current limit looks
at the “valley current”, which is the average output cur-
rent minus half the ripple current.
A
2
)
MIN
(
T
RIPPLE_VBA
I
OUT
I
VALLEY
I
The ripple at low battery voltage is used because we want
to make sure that current limit does not occur under nor-
mal operating conditions.
Ohms
6
10
10
1.4
(ON)
DS
R
1.2
VALLEY
I
ILIM
R
For our example:
I
VALLEY = 8.31A, RDS(ON) = 4mΩ, giving RILIM = 5.62kΩ
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com