Electronic Components Datasheet Search
  English  ▼

X  

SC480 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC480
Description  Complete DDR1/2/3 Memory Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC480 Datasheet HTML 7Page - Semtech Corporation SC480 Datasheet HTML 8Page - Semtech Corporation SC480 Datasheet HTML 9Page - Semtech Corporation SC480 Datasheet HTML 10Page - Semtech Corporation SC480 Datasheet HTML 11Page - Semtech Corporation SC480 Datasheet HTML 12Page - Semtech Corporation SC480 Datasheet HTML 13Page - Semtech Corporation SC480 Datasheet HTML 14Page - Semtech Corporation SC480 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
Referencing Figure 2, the equation for setting the output
voltage is:
5
.
1
R3
2
R
1
V
)
(
UT
O
Current Limit Circuit
Current limiting of the SC480 can be accomplished in two
ways. The on-state resistance of the low-side MOSFETs
can be used as the current sensing element, or a sense
resistor in the low-side source can be used if greater ac-
curacy is desired. RDSON sensing is more efficient and
less expensive. In both cases, the R
ILIM resistor between
the ILIM pin and LX sets the over-current threshold. This
resistor R
ILIM is connected to a 10μA current source within
the SC480 which is turned on when the low-side MOSFET
turns on. When the voltage drop across the sense resistor
or low-side MOSFET equals the voltage across the R
ILIMresis-
tor, current limit will activate. The high-side MOSFET will
not be allowed to turn on until the voltage drop across the
sense element (resistor or MOSFET) falls below the voltage
across the R
ILIM resistor.
The current sensing circuit actually regulates the inductor
valley current, see Figure 3. This means that if the current
limit is set to 10A, the peak current through the inductor
would be 10A plus the peak ripple current, and the average
current through the inductor would be 10A plus 1/2 the
peak-to-peak ripple current.
I LIMIT
I LOAD
IPEAK
TIME
Valley Current - Limit Threshold Point
Figure 3
Application Information
D1
Vout
+5V
+VIN
L1
+
C1
Q2
+
C3
D2
R1
PGND
DL
VDDP
ILIM
LX
DH
BST
C2
Q1
SC480
Figure 4
The schematic of RDS
ON sensing circuit is shown in Figure
4 with R
ILIM = R1 and RDSON of Q2.
Similarly, for resistor sensing, the current through the lower
MOSFET and the source sense resistor develops a voltage
that opposes the voltage developed across R
ILIM. When the
voltage developed across the R
SENSE resistor reaches voltage
drop across R
ILIM, an over-current exists and the high-side
MOSFET will not be allowed to turn on. The over-current
equation when using an external sense resistor is:
SENSE
R
ILIM
R
A
10
Valley
OC
IL
Schematic of resistor sensing circuit is shown in Figure 5
with R
ILIM = R1 and RSENSE = R4.
Figure 5
Q1
Q2
+
C1
Vout
D1
R1
+5V
L1
+
C3
R4
D2
PGND
DL
VDDP
ILIM
LX
DH
BST
+VIN
C2
SC480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com