Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 2Page - Micrel Semiconductor MICRF211 Datasheet HTML 3Page - Micrel Semiconductor MICRF211 Datasheet HTML 4Page - Micrel Semiconductor MICRF211 Datasheet HTML 5Page - Micrel Semiconductor MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor MICRF211 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Micrel
MICRF211
March 2007
6
M9999-030107
(408) 944-0800
Functional Diagram
Figure 1. Simplified Block Diagram.
Functional Description
Figure 1. Simplified Block Diagram that illustrates the
basic structure of the MICRF211. It is made of three
sub-blocks; Image Rejection UHF Down-converter, the
OOK Demodulator, and Reference and Control Logics.
Outside the device, the MICRF211 requires only three
components to operate: two capacitors (CTH, and
CAGC) and the reference frequency device, usually a
quartz crystal. An additional five components may be
used to improve performance. These are: power supply
decoupling capacitor, two components for the matching
network, and two components for the pre-selector band
pass filter.
Receiver Operation
LNA
The RF input signal is AC-coupled into the gate circuit of
the grounded source LNA input stage. The LNA is a
Cascoded NMOS.
Mixers and Synthesizer
The LO ports of the Mixers are driven by quadrature
local oscillator outputs from the synthesizer block. The
local oscillator signal from the synthesizer is placed on
the low side of the desired RF signal to allow
suppression of the image frequency at twice the IF
frequency below the wanted signal. The local oscillator
is set to 32 times the crystal reference frequency via a
phase-locked loop synthesizer with a fully integrated
loop filter.
Image Reject Filter and Band-Pass Filter
The IF ports of the mixer produce quadrature down
converted IF signals.
These IF signals are low-pass
filtered to remove higher frequency products prior to the
image reject filter where they are combined to reject the
image frequencies. The IF signal then passes through a
third order band pass filter. The IF center frequency is
1.2MHz. The IF BW is 330kHz @ 433.92MHz, and this
varies with RF operating frequency. The IF BW can be
calculated via direct scaling:
BWIF = BWIF@433.92 MHz ×
⎟
⎠
⎞
⎜
⎝
⎛
433.92
(MHz)
Freq
Operating
These filters are fully integrated inside the MICRF211.
After filtering, four active gain controlled amplifier stages
enhance the IF signal to proper level for demodulation.
OOK Demodulator
The demodulator section is comprised of detector,
programmable
low
pass
filter,
slicer,
and
AGC
comparator.
Detector and Programmable Low-Pass Filter
The demodulation starts with the detector removing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com