Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor MICRF211 Datasheet HTML 13Page - Micrel Semiconductor MICRF211 Datasheet HTML 14Page - Micrel Semiconductor MICRF211 Datasheet HTML 15Page - Micrel Semiconductor MICRF211 Datasheet HTML 16Page - Micrel Semiconductor MICRF211 Datasheet HTML 17Page - Micrel Semiconductor MICRF211 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Micrel
MICRF211
March 2007
14
M9999-030107
(408) 944-0800
PCB Considerations and Layout
Figure 12 to 17 below show some of the printed circuit
layers for the QR211HE1 board. Use the Gerber files
provided (downloadable from Micrel Website) which
have the remaining layers needed to fabricate this
board. When copying or making your own boards,
make traces as short as possible. Long traces alter
the matching network and the values suggested are
no longer valid. Suggested Matching Values may vary
due to PCB variations. A PCB trace 100 mills (2.5mm)
long has about 1.1nH inductance. Optimization should
always be done with exhaustive range tests. Make
individual ground connections to the ground plane
with a Via for each ground connection. Do not share
Vias
with
ground
connections.
Each
ground
connection = 1 via or more vias. Ground plane must
be solid and possibly without interruptions. Avoid
ground plane on top next to the matching elements. It
normally adds additional stray capacitance which
changes the matching. Do not use phenolic material,
only FR4 or better materials. Phenolic material is
conductive above 200MHz. RF path should be as
straight as possible avoiding loops and unnecessary
turns. Separate ground and VDD lines from other
circuits (microcontroller, etc). Known sources of noise
should be laid out as far as possible from the RF
circuits. Avoid thick traces, the higher the frequency,
the thinner the trace should be in order to minimize
losses in the RF path.
Figure 12. QR211HE1 Top Layer.
Figure 13. QR211HE1 Bottom Layer, Mirror Image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com