Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor MICRF211 Datasheet HTML 13Page - Micrel Semiconductor MICRF211 Datasheet HTML 14Page - Micrel Semiconductor MICRF211 Datasheet HTML 15Page - Micrel Semiconductor MICRF211 Datasheet HTML 16Page - Micrel Semiconductor MICRF211 Datasheet HTML 17Page - Micrel Semiconductor MICRF211 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Micrel
MICRF211
March 2007
16
M9999-030107
(408) 944-0800
QR211HE1 Bill of Materials, 433.92 MHz
Item
Part Number
Manufacturer
Description
Qty.
ANT1
Helical PCB Antenna Pattern
1
ANT2
(np)50-ohm Ant
168mm 20 AWG, rigid wire
1
C3,C9
MuRata
1.5pF , 0402/0603
2
C4
Murata / Vishay
0.1µF, 0402/0603
1
C6,C5
Murata / Vishay
0.1µF, 0402/0603
2
C8
Murata
5.6pF, 0402/0603
1
JP1,JP
2
Vishay
short, 0402, 0
Ω resistor
2
JP3
open, 0402, not placed
1
J2
(np) not placed
1
J3
CON6
1
L1
Coilcraft / Murata /
ACT1
24nH 5%, 0402/0603
1
L2
Coilcraft / Murata /
ACT1
39nH 5%, 0402/0603
1
L3
Coilcraft / Murata /
ACT1
30nH 2%, 0402/0603
1
R1,R2,
R4
(np) 0402, not placed
3
R3
Vishay
100k
Ω , 0402
1
Y1
HCM49
www.hib.com.br
(np)13.52127MHz Crystal
1
Y1A
HC49
www.hib.com.br
13.52127MHz Crystal
1
U1
MICRF211AYQS
Micrel Semiconductor
QSOP16
1
Table 10. QR211HE1 Bill of Materials, 433.92 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com