Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor MICRF211 Datasheet HTML 13Page - Micrel Semiconductor MICRF211 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel
MICRF211
March 2007
10
M9999-030107
(408) 944-0800
Crystal Y1 or Y1A (SMT or leaded respectively) is the
reference clock for all the device internal circuits.
Crystal characteristics of 10pF load capacitance,
30ppm, ESR < 50
Ω, -40ºC to +105ºC temperature
range are desired. Table 5 shows the crystal
frequencies and one of Micrel’s approved crystal
manufacturers (www.hib.com.br).
The oscillator of the MICRF211 is a Colpitts type. It is
very sensitive to stray capacitance loads. Thus, very
good care must be taken when laying out the printed
circuit board. Avoid long traces and ground plane on
the top layer close to the REFOSC pins RO1 and
RO2. When care is not taken in the layout, and
crystals from other vendors are used, the oscillator
may take longer times to start as well as the time to
good data in the DO pin to show up. In some cases, if
the stray capacitance is too high (> 20pF), the
oscillator may not start at all.
The crystal frequency is calculated by REFOSC = RF
Carrier/(32+(1.1/12)). The local oscillator is low side
injection (32 × 13.52127MHz = 432.68MHz), that is,
its frequency is below the RF carrier frequency and
the image frequency is below the LO frequency. See
Figure 6
. The product of the incoming RF signal and
local oscillator signal will yield the IF frequency, which
will be demodulated by the detector of the device.
Figure 6. Low Side Injection Local Oscillator.
REFOSC (MHz)
Carrier (MHz)
HIB Part Number
12.15269
390.0
SA-12.152690-F-10-H-30-30-X
13.02519
418.0
SA-13.025190-F-10-H-30-30-X
13.52127
433.92
SA-13.521270-F-10-H-30-30-X
Table 5. Crystal Frequency and Vendor Part Number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com