Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor MICRF211 Datasheet HTML 13Page - Micrel Semiconductor MICRF211 Datasheet HTML 14Page - Micrel Semiconductor MICRF211 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Micrel
MICRF211
March 2007
11
M9999-030107
(408) 944-0800
JP1 and JP2 are the bandwidth selection for the
demodulator bandwidth. To set it correctly, it is
necessary to know the shortest pulse width of the
encoded data sent in the transmitter. Like in the
example of the data profile in the figure 7 below, PW2
is shorter than PW1, so PW2 should be used for the
demodulator bandwidth calculation which is found by
0.65/shortest pulse width. After this value is found, the
setting should be done according to Table 6. For
example, if the pulse period is 100µsec, 50% duty
cycle, the pulse width will be 50µsec (PW = (100µsec
× 50%) / 100). So, a bandwidth of 13kHz would be
necessary (0.65 / 50µsec). However, if this data
stream had a pulse period with 20% duty cycle, the
bandwidth required would be 32.5kHz (0.65 / 20µsec),
which exceeds the maximum bandwidth of the
demodulator circuit. If one tries to exceed the
maximum
bandwidth,
the
pulse
would
appear
stretched or wider.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1625
400
1250
Open
Short
3250
200
2500
Short
Open
6500
100
5000
Open
Open
13000
50
10000
Table 6. JP1 and JP2 setting, 433.92 MHz.
Other frequencies will have different demodulator
bandwidth limits, which are derived from the reference
oscillator frequency. Table 7 and Table 8 below shows
the limits for the other two most used frequencies.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1565
416
1204
Open
Short
3130
208
2408
Short
Open
6261
104
4816
Open
Open
12523
52
9633
Table 7. JP1 and JP2 setting, 418.0 MHz.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (Hertz)
Short
Short
1460
445
1123
Open
Short
2921
223
2246
Short
Open
5842
111
4493
Open
Open
11684
56
8987
Table 8. JP1 and JP2 setting, 390.0 MHz.
Capacitors C6 and C4, CTH and CAGC respectively
provide time base reference for the data pattern
received. These capacitors are selected according to
data profile, pulse duty cycle, dead time between two
received data packets, and if the data pattern has or
does not have a preamble. See Figure 7, example of
a data profile.
Figure 7. Example of a Data Profile.
For best results the capacitors should always be
optimized for the data pattern used. As the baud rate
increases, the capacitor values decrease. Table 9
shows suggested values for Manchester Encoded
data, 50% duty cycle.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Cth
Cagc
Short
Short
1625
100nF
4.7µF
Open
Short
3250
47nF
2.2µF
Short
Open
6500
22nF
1µF
Open
Open
13000
10nF
0.47µF
Table 9. Suggested CTH and CAGC Values.
JP3 is a jumper used to configure the digital squelch
function. When it is high, there is no squelch applied
to the digital circuits and the DO (data out) pin has a
hash signal. When the pin is low, the DO pin activity is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com