Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor MICRF211 Datasheet HTML 13Page - Micrel Semiconductor MICRF211 Datasheet HTML 14Page - Micrel Semiconductor MICRF211 Datasheet HTML 15Page - Micrel Semiconductor MICRF211 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Micrel
MICRF211
March 2007
12
M9999-030107
(408) 944-0800
considerably reduced. It will have more or less than
shown in the figure below depending on the outside
band noise. The penalty for using squelch is a delay in
getting a good signal in the DO pin, that is, it takes
longer for the data to show up. The delay is
dependent upon many factors such as RF signal
intensity, data profile, data rate, CTH and CAGC
capacitor values, and outside band noise. See Figure
8 and Figure 9 below.
Figure 8. Data Out Pin with No Squelch (SQ = 1).
Figure 9. Data Out Pin with Squelch (SQ = 0).
Other components used are C5, which is a decoupling
capacitor for the Vdd line, R4 reserved for future use
and not needed for the evaluation board, R3 for the
shutdown pin (SHDN = 0, device is operation), which
can be removed if that pin is connected to a
microcontroller or an external switch, R1 and R2
which form a voltage divider for the AGC pin. One can
force a voltage in this AGC pin to purposely decrease
the device sensitivity. Special care is needed when
doing this operation, as an external control of the AGC
voltage may vary from lot to lot and may not work the
same for several devices.
Three other pins are worthy of comment. They are the
DO, RSSI, and shut down pins. The DO pin has a
driving capability of 0.4mA. This is good enough for
most of the logic family ICs in the market today. The
RSSI pin provides a transfer function of the RF signal
intensity vs voltage. It is very useful to determine the
signal to noise ratio of the RF link, crude range
estimate
from
the
transmitter
source
and
AM
demodulation, which requires a low CAGC capacitor
value.
The shut down pin (SHDN) is useful to save energy.
When its level close to VDD (SHDN = 1), the device is
not in operation. Its DC current consumption is less
than 1µA (do not forget to remove R3). When toggling
from high to low, there will be a time required for the
device to come to steady state mode, and a time for
data to show up in the DO pin. This time will be
dependent upon many things such as temperature,
crystal used, and if the there is an external oscillator
with faster startup time. Normally, with the crystal
vendors suggested, the data will show up in the DO
pin
around
1msec
time,
and
2msec
over
the
temperature range of the device. When using an
external oscillator or reference oscillator signal, the
time is reduced considerably and can be around
140µsec. See Figures Figure 10 and 11.
Figure 10: Time-to-Good Data After Shut Down Cycle,
Room Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com