Electronic Components Datasheet Search
  English  ▼

X  

MICRF211 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 4Page - Micrel Semiconductor MICRF211 Datasheet HTML 5Page - Micrel Semiconductor MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Micrel
MICRF211
March 2007
8
M9999-030107
(408) 944-0800
Application Information
Figure 3 – QR211HE1 Application Example, 433.92 MHz
The MICRF211 can be fully tested by using one of
many evaluation boards designed at Micrel for this
device. As an entry level, the QR211HE1 (Figure 3)
offers a good start for most applications. It has a
helical PCB antenna with its matching network, a
band-pass-filter front-end as a pre-selector filter,
matching network and the minimum components
required to make the device work, which are a crystal,
Cagc, and Cth capacitors. By removing the matching
network of the helical PCB antenna (C9 and L3), a
whip antenna (ANT2) or a RF connector (J2) can be
used instead. Figure 3 shows the entire schematic of
it for 433.92MHz. Other frequencies can be used and
the values needed are in the tables below.
Capacitor C9 and inductor L3 are the passive
elements for the helical PCB matching network. A
tight tolerance is recommended for these devices, like
2% for the inductor and 0.1pF for the capacitor. PCB
variations
may
require
different
values
and
optimization. Table 2 shows the matching elements
for
the
device
frequency
range.
For
additional
information look for Small PCB Antennas for Micrel RF
Products application note.
Freq (MHz)
C9 (pF)
L3(nH)
390.0
1.2
43
418.0
1.2
36
433.92
1.5
30
Table 2. Matching Values for the Helical PCB Antenna
To use another antenna, like the whip kind, remove
C9 and place the whip antenna in the hole provided in
the PCB. Also, a RF signal can be injected there.
L1 and C8 form the pass-band-filter front-end. Its
purpose is to attenuate undesired outside band noise
which
reduces
the
receiver
performance.
It
is
calculated
by
the
parallel
resonance
equation
f = 1/(2×PI×(SQRT L1×C8)). Table 3 shows the most
used frequency values.
Freq (MHz)
C8 (pF)
L1(nH)
390.0
6.8
24
418.0
6.0
24
433.92
5.6
24
Table 3. Band-Pass-Filter Front-End Values
There is no need for the band-pass-filter front-end for
applications where it is proven that the outside band
noise does not cause a problem. The MICRF211 has
image reject mixers which improve significantly the
selectivity and rejection of outside band noise.
Capacitor C3 and inductor L2 form the L-shape
matching network. The capacitor provides additional
attenuation for low frequency outside band noise and
the inductor provides additional ESD protection for the
antenna pin. Two methods can be used to find these
values, which are matched close to 50
Ω. One method
is done by calculating the values using the equations
below and another by using a Smith chart. The latter
is made easier by using software that plots the values
of the components C8 and L1, like WinSmith by Noble
Publishing.
To calculate the matching values, one needs to know
the input impedance of the device. Table 4 shows the
input impedance of the MICRF211 and suggested
matching values for the most used frequencies. These
suggested values may be different if the layout is not
exactly the same as the one made here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com