Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 2Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 9Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ti.com
ADS5474
SLAS525 – JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5474
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS (continued)
fIN = 30 MHz
69.2
fIN = 70 MHz
67
68.9
fIN = 130 MHz
68.5
fIN = 230 MHz
65.5
68.2
SINAD
Signal-to-noise and distortion
fIN = 351 MHz
67.3
dBc
fIN = 451 MHz
64.8
fIN = 651 MHz
58.5
fIN = 751 MHz
54
fIN = 999 MHz
45.4
fIN1 = 69 MHz, fIN2 = 70 MHz,
93
each tone at –7 dBFS
fIN1 = 69 MHz, fIN2 = 70 MHz,
95
each tone at –16 dBFS
Two-tone SFDR
dBFS
fIN1 = 297.5 MHz, fIN2 = 302.5 MHz,
85
each tone at –7 dBFS
fIN1 = 297.5 MHz, fIN2 = 302.5 MHz,
83
each tone at –16 dBFS
fIN = 70 MHz
10.8
11.2
ENOB
Effective number of bits
Bits
fIN = 230 MHz
10.6
10.9
RMS idle-channel noise
Inputs tied to common-mode
1.8
LSB
LVDS DIGITAL OUTPUTS
VOD
Differential output voltage (
±)
247
350
454
mV
VOC
Common-mode output voltage
1.125
1.375
V
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com