Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
www.ti.com
70
70
70
70
69
69
69
69
68
68
68
68
66
67
67
SNR
dBFS
-
54
56
58
60
62
64
68
70
10
100
200
300
66
400
500
600
f
InputFrequency
MHz
IN
-
-
400
350
300
250
200
150
100
40
SFDR
dBc
-
50
55
60
65
75
80
85
90
10
100
200
70
300
400
500
600
85
85
80
80
80
80
77
77
77
77
77
73
73
73
70
70
70
65
65
65
60
80
85
85
85
85
f
InputFrequency
MHz
IN
-
-
400
350
300
250
200
150
100
40
ADS5474
SLAS525 – JULY 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 29.
SFDR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 30.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com