Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 14Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
www.ti.com
APPLICATIONS INFORMATION
Theory of Operation
Input Configuration
ADS5474
AVDD5
AIN
AIN
GND
AVDD5
GND
GND
500 W
500 W
VCM
Buffer
Buffer
1.6pF
1.6pF
ADS5474
SLAS525 – JULY 2007
The ADS5474 is a 14-bit, 400-MSPS, monolithic pipeline ADC. Its bipolar analog core operates from 5-V and
3.3-V supplies, while the output uses a 3.3-V supply to provide LVDS-compatible outputs. The conversion
process is initiated by the rising edge of the external input clock. At that instant, the differential input signal is
captured by the input track-and-hold (T&H), and the input sample is converted sequentially by a series of lower
resolution stages, with the outputs combined in a digital correction logic block. Both the rising and the falling
clock edges are used to propagate the sample through the pipeline every half clock cycle. This process results
in a data latency of 3.5 clock cycles, after which the output data are available as a 14-bit parallel word, coded in
offset binary format.
The analog input for the ADS5474 consists of an analog pseudo-differential buffer followed by a bipolar
transistor T&H. The analog buffer isolates the source driving the input of the ADC from any internal switching
and presents a high impedance that is easy to drive at high input frequencies, compared to an ADC without a
buffered input. The input common-mode is set internally through a 500-
Ω resistor connected from 3.1 V to each
of the inputs. This configuration results in a differential input impedance of 1 k
Ω.
Figure 31. Analog Input Circuit
For a full-scale differential input, each of the differential lines of the input signal (pins 16 and 17) swings
symmetrically between (3.1 V + 0.55 V) and (3.1 V – 0.55 V). This range means that each input has a maximum
signal swing of 1.1 VPP for a total differential input signal swing of 2.2 VPP. Operation below 2.2 VPP is allowable,
with the characteristics of performance versus input amplitude demonstrated in Figure 18 and Figure 19. For
instance, for performance at 1.1 VPP rather than 2.2 VPP, refer to the SNR and SFDR at –6 dBFS (0 dBFS =
2.2 VPP). The maximum swing is determined by the internal reference voltage generator, eliminating the need for
any external circuitry for this purpose.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com