Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 15Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
www.ti.com
R
50
0
W
Z
50
0
W
ADS5474
AIN
AIN
R
200 W
ACSignal
Source
Mini-Circuits
JTX-4-10T
ADS5474
THS9001
AIN
AIN
VIN
VIN
THS9001
1000pF
1000pF
39pF
50 W
50 W
0.1
F
m
1000pF
1000pF
18
H
m
ADS5474
SLAS525 – JULY 2007
Applications Information (continued)
The ADS5474 performs optimally when the analog inputs are driven differentially. The circuit in Figure 32 shows
one possible configuration using an RF transformer with termination either on the primary or on the secondary of
the transformer. In addition, the evaluation module is configured with two back-to-back transformers, also
demonstrating good performance. If voltage gain is required, a step-up transformer can be used.
Figure 32. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
In addition to the transformer configurations, Texas Instruments offers a wide selection of single-ended
operational amplifiers that can be selected depending on the application. An RF gain-block amplifier, such as
Texas Instruments' THS9001, can also be used for high-input-frequency applications. For large voltage gains at
intermediate-frequencies in the 50 MHz to 400 MHz range, the configuration shown in Figure 33 can be used.
The component values can be tuned for different intermediate frequencies. The example shown in Figure 33 is
located on the evaluation module and is tuned for an IF of 170 MHz. More information regarding this
configuration can be found in the ADS5474 EVM User Guide (SLAU194) and the THS9001 50-MHz to 350-MHz
Cascadeable Amplifier data sheet (SLOS426), both available for download at www.ti.com.
Figure 33. Using the THS9001 IF Amplifier With the ADS5474
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com