Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5474IPFPRG4 Datasheet HTML 1Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 2Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Reference
Timing
CLK
OVR
D[13:0]
CLK
6
DRY
VREF
VIN
VIN
TH1
5
5
S
DAC2
ADC2
ADC3
S
DAC1
ADC1
DigitalErrorCorrection
+
–
+
–
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5474
SLAS525 – JULY 2007
14-Bit, 400-MSPS Analog-to-Digital Converter
• On-Chip Analog Buffer, Track-and-Hold, and
Reference Circuit
• 400-MSPS Sample Rate
• TQFP-80 PowerPAD™ Package
• 14-Bit Resolution, 11.2-Bits ENOB
(14 mm
× 14 mm footprint)
• 1.4-GHz Input Bandwidth
• Industrial Temperature Range:
• SFDR = 80 dBc at 230 MHz and 400 MSPS
–40
°C to +85°C
• SNR = 69.8 dBFS at 230 MHz and 400 MSPS
• Pin-Similar/Compatible with 12-, 13-, and
• 2.2 V
PP Differential Input Voltage
14-Bit Family:
• LVDS-Compatible Outputs
ADS5463 and ADS5440/ADS5444
• Total Power Dissipation: 2.5 W
• Power Down Mode: 50mW
• Test and Measurement Instrumentation
• Offset Binary Output Format
• Software-Defined Radio
• Output Data Transitions on the Rising and
• Data Acquisition
Falling Edges of a Half-Rate Output Clock
• Power Amplifier Linearization
• Communication Instrumentation
• Radar
The ADS5474 is a 14-bit, 400-MSPS analog-to-digital converter (ADC) that operates from both a 5-V supply and
3.3-V supply while providing LVDS-compatible digital outputs. This ADC is one of a family of 12-, 13-, and 14-bit
ADCs that operate from 210 MSPS to 500 MSPS. The ADS5474 input buffer isolates the internal switching of
the onboard track and hold (T&H) from disturbing the signal source while providing a high-impedance input. An
internal reference generator is also provided to simplify the system design.
Designed with a 1.4-GHz input bandwidth for the conversion of wide-bandwidth signals that exceed 400 MHz of
input frequency at 400 MSPS, the ADS5474 has outstanding low noise performance and spurious-free dynamic
range over a large input frequency range.
The ADS5474 is available in an TQFP-80 PowerPAD package. The device is built on Texas Instruments
complementary bipolar process (BiCom3) and is specified over the full industrial temperature range (–40
°C to
+85
°C).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5474IPFPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474IPFPRG4 TI-ADS5474IPFPRG4 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474IPFPRG4 TI1-ADS5474IPFPRG4 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474IPFPRG4 TI1-ADS5474IPFPRG4 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5474IPFPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com