Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 23Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 24Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 25Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
www.ti.com
ExternalVREFApplied
V
-
75
70
65
60
55
50
45
40
2.05 2.15 2.25 2.35 2.45
3.15
f =400MSPS
f
=70MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
A
=
4dBFS
-
IN
A
=
3dBFS
-
IN
A
=
2dBFS
-
IN
A
=
1dBFS
-
IN
A
=
5dBFS
-
IN
A
=
6dBFS
-
IN
ExternalVREFApplied
V
-
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
2.05 2.15 2.25 2.35 2.45
3.15
f =400MSPS
f
=70MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
ExternalVREFApplied
V
-
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
2.8
2.05 2.15 2.25 2.35 2.45
3.15
3.0
2.9
f =400MSPS
f
=70MHz
S
IN
2.55 2.65 2.75 2.85 2.95 3.05
ADS5474
SLAS525 – JULY 2007
Applications Information (continued)
Figure 37. SNR versus External VREF and AIN
Figure 38. Total Power Consumption versus External
VREF
Figure 39. VCM Pin Output versus External VREF
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com