Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 9Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 10Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.ti.com
TIMING INFORMATION
N
CLK
D
OVR
[13:0],
N+1
N+5
t
CLKL
t
DRY
t
DATA
t
CLKH
t
a
D[13:0], OVR
CLK
N+2
N+3
N+4
DRY
DRY
(1)
N
N+1
N–1
Sample
N–1
Latency = 3.5 Clock Cycles
TIMING CHARACTERISTICS
(1)
ADS5474
SLAS525 – JULY 2007
(1)
Polarity of DRY is undetermined. For further information, see the Digital Outputs section.
Figure 1. Timing Diagram
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 3-VPP differential
clock, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
200
ps
Aperture jitter, rms
Internal jitter of the ADC
103
fs
Latency
3.5
cycles
tCLK
Clock period
2.5
50
ns
tCLKH
Clock pulse duration, high
1
ns
tCLKL
Clock pulse duration, low
1
ns
tDRY
CLK to DRY delay(2)
Zero crossing, 10-pF parasitic loading to GND on each
1000
1400
1800
ps
output pin
tDATA
CLK to DATA/OVR delay(2)
Zero crossing, 10-pF parasitic loading to GND on each
800
1400
2000
ps
output pin
tSKEW
DATA to DRY skew
tDATA – tDRY, 10-pF parasitic loading to GND on each output
–500
0
500
ps
pin
tRISE
DRY/DATA/OVR rise time
10-pF parasitic loading to GND on each output pin
500
ps
tFALL
DRY/DATA/OVR fall time
10-pF parasitic loading to GND on each output pin
500
ps
(1)
Timing parameters are assured by design or characterization, but not production tested.
(2)
DRY, DATA, and OVR are updated on the falling edge of CLK. The latency must be added to tDATA to determine the overall propagation
delay.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com