Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAN3204DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
3. Registers and Operation
The mouse sensor can be programmed through registers, via the serial port, and DSP configuration and motion
data can be read from these registers. All registers not listed are reserved, and should never be written by
firmware.
3.1 Registers
Address
Name
R/W
Default
Data Type
0x00
Product_ID1
R
0x30
Eight bits[11:4] number with the product identifier
0x01
Product_ID2
R
0x5X
Four bits[3:0] number with the product identifier
Reserved[3:0] number is reserved for future use
0x02
Motion_Status
R
-
Bit field
0x03
Delta_X
R
-
Eight bits 2’s complement number
0x04
Delta_Y
R
-
Eight bits 2’s complement number
0x05
Operation_Mode
R/W
0xB8
Bit field
0x06
Configuration
R/W
0x04
Bit field
0x07
Image_Quality
R
-
Eight bits unsigned integer
0x08
Operation_State
R
-
Bit field
0x09
Write_Protect
R/W
0x00
Bit field
0x0A
Sleep1_Setting
R/W
0x72
Bit field
0x0B
Enter_Time
R/W
0x12
Bit field
0x0C
Sleep2_Setting
R/W
0x92
Bit field
0x0D
Image_
Threshold
R/W
0x0A
Eight bits unsigned integer
0x0E
Image_
Recognition
R/W
0xE5
Bit field
3.2 Register Descriptions
0x00
Product_ID1
Bit
7
6
5
4
3
2
1
0
Field
PID[11:4]
Usage
The value in this register can’t change. It can be used to verify the serial communications link is OK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com