Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 12Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 13Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 14Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 15Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 16Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 17Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
4.4 DC Electrical Characteristics (1.8V)
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = VDDA = 1.8 V
Symbol
Parameter
Min.
Typ. Max. Unit
Type: Power
IDDN
Supply Current
Mouse Moving (Normal)
-
3
-
mA
IDDS1
Supply Current
Mouse Not Moving (Sleep1)
-
300
-
uA
IDDS2
Supply Current
Mouse Not Moving (Sleep2)
-
60
-
uA
IDDPD
Supply Current
(Power Down)
-
7
-
uA
Type: SCLK, SDIO
VIH
Input Voltage HIGH
1.45
-
-
V
VIL
Input Voltage LOW
-
-
0.4
V
VOH Output Voltage HIGH
1.4
-
-
V
@I OH = 2mA
VOL Output Voltage LOW
-
-
0.4
V
@I OL = 2mA
Type: LED
VOL Output Voltage LOW
-
-
380
mV @I OL = 25mA
4.5 DC Electrical Characteristics (2.7V)
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 2.7 V
Symbol
Parameter
Min.
Typ. Max. Unit
Type: Power
IDDN
Supply Current
Mouse Moving (Normal)
-
3
-
mA
IDDS1
Supply Current
Mouse Not Moving (Sleep1)
-
300
-
uA
IDDS2
Supply Current
Mouse Not Moving (Sleep2)
-
60
-
uA
IDDPD
Supply Current
(Power Down)
-
7
-
uA
Type: SCLK, SDIO
VIH
Input Voltage HIGH
2.0
-
-
V
VIL
Input Voltage LOW
-
-
0.9
V
VOH Output Voltage HIGH
2.3
-
-
V
@I OH = 2mA
VOL Output Voltage LOW
-
-
0.4
V
@I OL = 2mA
Type: LED
VOL Output Voltage LOW
-
-
380
mV @I OL = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com