Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 22Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 23Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 24Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 25Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 26Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 27Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
24
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
8.4 Reference Application for RF Receiver Using 27MHz Transceiver
VCC_RF
D1
LED
OSC_OUT
R2
0R
SCL
VCC_RF
RF_DATA
R8
470
C9
0.1uF
R7
1.3K
R6
10K
+
C8
10uF
U2
2402
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
C16
0.1uF
SCL
OSC_OUT
C17
0.1uF
C6
10nF
VCC_RF
R4
0R
C13
10nF
R3 10K
R1
OPEN
VCC_5V
B3
R5
OPEN
PWR_Ctrl
C3
68pF
+
C18
10uF
C14
47pF
Q1
2N3906
U1
TI TRF7903-PW20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ANT_IN1
AGND
VPOS
VCC
VDIG
XTAL_IN
XTAL_OUT
VNEG_DIG
B3
B2
CLK
OUT
B1
VNEG_LO
VPOS_LO
AGND
LF
MDR
VNEG
ANT_IN2
SDA
C11
10nF
RF_DATA
C1
20pF
+
C2
2.2uF
OSC_IN
B1
OSC_IN
X1
12MHz
VCC_RF
VCC_5V
+
C12
2.2uF
+
C10
2.2uF
+
C5
2.2uF
C4
10nF
C7
2.2uF
B3
C15
47pF
U3
CYPRESS CY7C63723
11
16
15
12
13
2
3
4
14
9
23
1
5
22
10
VREG
D+/SCLK
D-/SDATA
XTALIN
XTALOUT
P0.1
P0.2
P0.3
VCC
VSS
P0.5
P0.0
P1.0
P0.6
VPP
SDA
JP1
USB
1
2
3
4
S1
ID_SYNC
VCC_RF
PWR_Ctrl
B1
Figure 17. Application Circuit for RF Receive Using 27MHz Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com