Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 12Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 13Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
0x0A
Sleep1_Setting
Bit
7
6
5
4
3
2
1
0
Field
Slp1_freq[3:0]
0
0
1
0
Usage
Sleep1_Setting register allows the user to set frequency time for the sleep1 mode.
Field Name
Description
Slp1_freq[3:0]
Setting frequency time for the sleep1 mode.
A scale is 4ms. Relative to its value 0 ~ 15, the frequency time is 4ms ~ 64ms.
Default is 32ms. (slp1_freq[3:0] = 0111)
Notes
Bit [3:0]
MUST always be 0010
0x0B
Enter_Time
Bit
7
6
5
4
3
2
1
0
Field
Slp1_etm[3:0]
Slp2_etm[3:0]
Usage
Enter_Time register allows the user to set enter time for the sleep1 and sleep2 mode.
Field Name
Description
Slp1_etm[3:0]
Setting sleep1 enter time.
A scale is 128ms. Relative to its value 0 ~ 15, the frequency time is 128ms ~
2048ms. Default is 256ms. (slp1_etm[3:0] = 0001)
Notes
Slp2_etm[3:0]
Setting sleep2 enter time.
A scale is 20480ms. Relative to its value 0 ~ 15, the frequency time is 20480ms ~
327680ms. Default is 61440ms (about 61 sec). (slp2_etm[3:0] = 0010)
0x0C
Sleep2_Setting
Bit
7
6
5
4
3
2
1
0
Field
Slp2_freq[3:0]
0
0
1
0
Usage
Sleep2_Setting register allows the user to set frequency time for the sleep2 mode.
Field Name
Description
Slp2_freq[3:0]
Setting frequency time for the sleep2 mode.
A scale is 32ms. Relative to its value 0 ~ 15, the frequency time is 32ms ~ 512ms.
Default is 320ms. (slp2_freq[3:0] = 1001)
Notes
Bit [3:0]
MUST always be 0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com