Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAN3204DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
0x01
Product_ID2
Bit
7
6
5
4
3
2
1
0
Field
PID[3:0]
Reserved[3:0]
Usage
The value in this register can’t change. PID[3:0] can be used to verify that the serial communications
link is OK. Reserved[3:0] is a value between 0x0 and 0xF, it can’t be used to verify that the serial
communications.
0x02
Motion_Status
Bit
7
6
5
4
3
2
1
0
Field
Motion
Reserved[1:0]
DYOVF
DXOVF
RES[2:0]
Usage
Motion_Status register allows the user to determine if motion has occurred since the last time it was
read. If so, then the user should read Delta_X and Delta_Y registers to get the accumulated motion. It
also tells if the motion buffers have overflowed since the last reading. The current resolution is also
shown.
Reading this register freezes the Delta_X and Delta_Y register values. Read this register before
reading the Delta_X and Delta_Y registers. If Delta_X and Delta_Y are not read before the motion
register is read a second time, the data in Delta_X and Delta_Y will be lost.
Field Name
Description
Motion
Motion since last report
0 = No motion (Default)
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
Reserved[1:0]
Reserved for future use
DYOVF
Motion Delta Y overflow, ΔY buffer has overflowed since last report
0 = No overflow (Default)
1 = Overflow has occurred
DXOVF
Motion Delta X overflow, ΔX buffer has overflowed since last report
0 = No overflow (Default)
1 = Overflow has occurred
Notes
RES[2:0]
Resolution in counts per inch
000 = 400
001 = 500
010 = 600
011 = 800
100 = 1000 (Default)
101 = 1200
110 = 1600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com