Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 12Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
0x07
Image_Quality
Bit
7
6
5
4
3
2
1
0
Field
Imgqa[7:0]
Usage
Image Quality is a quality level of the sensor in the current frame. Report range 0 ~ 255. The default
minimum level for normally working is 10. (please see Image_ Threshold register)
Field Name
Description
Notes
Imgqa[7:0]
Image quality report range: 0(worst) ~ 255(best).
0x08
Operation_State
Bit
7
6
5
4
3
2
1
0
Field
Reserved[3:0]
Slp_state
Op_state[2:0]
Usage
Operation_State register allows the user to read the operation state of the sensor.
Field Name
Description
Reserved[3:0]
Reserved for future use
Slp_state
Sleep state (If Op_state[2:0] is 100, the Slp_state bit is effective.)
0 = LPT sleep1
1 = LPT sleep2
Notes
Op_state[2:0]
000 = Normal state
001 = Entry sleep1 processing
010 = Entry sleep2 processing
011 = Reserved for future use
100 = Sleep mode (see Slp_state bit to get sleep state.)
0x09
Write_Protect
Bit
7
6
5
4
3
2
1
0
Field
WP[7:0]
Usage
Write protect for the register 0x0A ~ 0x7F.
Field Name
Description
Notes
WP[7:0]
Write protect enable/disable for the address after 0x09
0x00 = Enable (Default), register 0x0A ~ 0x7F are read only
0x5A = Disable, register 0x0A ~ 0x7F can be read/written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com