Electronic Components Datasheet Search
  English  ▼

X  

PAN3204DB Datasheet(PDF) 25 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 25 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 22Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 23Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 24Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 25Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 26Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 27Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
25
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
8.5 PCB Layout Consideration
Caps for pins7, 8 must have trace lengths less than 5mm.
8.6 Recommended Value for R1
8.6.1 Using Red LED for 2.7V
Radiometric intensity of red LED
Bin limits (mW/Sr at 20mA)
Note: Tolerance for each bin will be ± 15%
Suggested R1(ohm):
Red LED Bin Grade
Min.
Typ.
Max.
P
6.8
22
-
Q
6.8
22
-
8.6.2 Using IR LED for 1.8V
Suggested R1(ohm):
IR LED Bin Grade
Min.
Typ.
Max.
TBD
3.3
22
-
It is not guaranteed that the performance of the mouse sensor with IR LED is as good as the mouse sensor with
red LED. The mouse sensor is designed to a very good match with red LED, and this combination has the best
performance.
8.6.3 Summary
R1
Light Source
LED Bin Grade
VLED
Min.
Typ.
Max.
Red LED
P, Q
2.7
6.8
22
-
IR LED
TBD
1.8
3.3
22
-
LED Bin Grade
Min.
Typ.
Max.
P
17.7
-
21.2
Q
21.2
-
25.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com