Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 4 Page - Silicon Supplies

Part # LMC555
Description  CMOS Low Power Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LMC555 Datasheet(HTML) 4 Page - Silicon Supplies

  LMC555 Datasheet HTML 1Page - Silicon Supplies LMC555 Datasheet HTML 2Page - Silicon Supplies LMC555 Datasheet HTML 3Page - Silicon Supplies LMC555 Datasheet HTML 4Page - Silicon Supplies LMC555 Datasheet HTML 5Page - Silicon Supplies LMC555 Datasheet HTML 6Page - Silicon Supplies LMC555 Datasheet HTML 7Page - Silicon Supplies LMC555 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
CMOS Low Power Timer – LMC555
Rev 1.1
21/01/18
 
 
LIMITS
AC Electrical Characteristics3
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
SYMBOL
VDD
CONDITIONS
TYP
MAX
UNITS
MIN
RL = 10MΩ, CL = 10pF
35
TJ = 25°C
-
75
Rise/Fall output time
ns
(Figure 1)
tTHL, tTLH
5V
RL = 10MΩ, CL = 1pF
TJ = -55°C to +125°C
70
-
150
TJ = 25°C
500
-
-
Guaranteed OSC freq
Astable operation
fMIN
2-18V
TJ = -55°C to +125°C
200
-
-
kHz
Initial Accuracy Error
-
-
-
-
-
5
%
5V
-
-
0.02
10V
-
-
0.03
RL = 1-100kΩ
Drift with
Temperature
αf
15V
CL = 0.1µF
%/°C
TJ = -55°C to +125°C
-
-
0.06
TJ = 25°C
3
Drift with Supply
Voltage
Δf
5V
TJ = -55°C to +125°C
-
-
%/B
6
 
3. Not production tested in die form, characterized by chip design and tested in package LAT.
Application Notes
The LMC555 is in most instances a direct replacement for the NE555, SE555 and LM555. Produced using a CMOS
process this device offers the possibility to reduce the external passive component count and also delivers improved
electrical performance. All unused inputs must be tied to an appropriate logic level to prevent false triggering.
Supply decoupling capacitor
All legacy bipolar 555 devices produce large crowbar currents in the output driver necessitating power supply
decoupling via an external capacitor located close to the device. The LMC555 produces supply current spikes of only
2-3mA instead of 300-400mA, therefore supply decoupling is not normally necessary and optional.
Control Voltage decoupling capacitors
For most applications capacitors are not required and optional since the input impedance of the CMOS comparators is
very high versus the legacy bipolar 555.
Supply Current
The supply current consumed by LMC555 is very low versus legacy 555. However, total system supply will be high
unless the timing components are high impedance. Therefore, use high values for R and low values for C.
Output Drive Capability
The output driver consists of a CMOS inverter capable of driving most logic families including CMOS and TTL. As
such, if driving CMOS, the output swing at all supply voltages will equal the supply voltage. At a supply voltage of
4.5V or more the LMC555 will drive at least x2 standard TTL loads.
Page 4 of 8 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com