Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LMC555
Description  CMOS Low Power Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LMC555 Datasheet(HTML) 1 Page - Silicon Supplies

  LMC555 Datasheet HTML 1Page - Silicon Supplies LMC555 Datasheet HTML 2Page - Silicon Supplies LMC555 Datasheet HTML 3Page - Silicon Supplies LMC555 Datasheet HTML 4Page - Silicon Supplies LMC555 Datasheet HTML 5Page - Silicon Supplies LMC555 Datasheet HTML 6Page - Silicon Supplies LMC555 Datasheet HTML 7Page - Silicon Supplies LMC555 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1300 x 1200
51 x 47
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
 CMOS Low Power Timer – LMC555
Precision Timing Generator / Oscillator in bare die form
Wide supply voltage range 2-18V
Low Supply Current - 200µA max @ 2V
High speed operation – Min 500kHz guaranteed
Operates in both astable and monostable modes 
Adjustable Duty Cycle 
Output drives TTL/CMOS/MOS at 5V  
Rev 1.1
21/01/18
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(15 Mils) – On request
Assembled into Ceramic Package – On request
The LMC555 is a highly stable timer for use in
precision timing and oscillator applications. As timer
(monostable), the device is capable of producing
accurate time delays from microseconds through hours
using x1 capacitor and x1 resistor. As oscillator
(astable), the device can maintain an accurately
controlled free running frequency + duty cycle with x2
external resistors and x1 capacitor. The LMC555 may
be triggered by the falling edge of the waveform signal.
Device output can source or sink up to 200mA current
and drive TTL/CMOS circuits. The LMC555 is a
CMOS upgraded version of the popular bipolar 555
timer series and is drop-in compatible for most legacy
555 applications. The device also directly replaces
TLC555 and ICM7555.
Description
Ordering Information
Die Dimensions in µm (mils)
1300 (51)
For compatibility and improvements versus LM555,
NE555, SE555, MC1455 and MC1555 products
please see application notes.


Similar Part No. - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
LMC555 NSC-LMC555 Datasheet
772Kb / 12P
CMOS Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
LMC555 TI1-LMC555 Datasheet
1Mb / 28P
CMOS Timer
LMC555 TI2-LMC555 Datasheet
1Mb / 35P
LMC555 CMOS Timer
REVISED MARCH 2024
More results

Similar Description - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556 Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com