Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 6 Page - Silicon Supplies

Part # LMC555
Description  CMOS Low Power Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LMC555 Datasheet(HTML) 6 Page - Silicon Supplies

  LMC555 Datasheet HTML 1Page - Silicon Supplies LMC555 Datasheet HTML 2Page - Silicon Supplies LMC555 Datasheet HTML 3Page - Silicon Supplies LMC555 Datasheet HTML 4Page - Silicon Supplies LMC555 Datasheet HTML 5Page - Silicon Supplies LMC555 Datasheet HTML 6Page - Silicon Supplies LMC555 Datasheet HTML 7Page - Silicon Supplies LMC555 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
 
 
CMOS Low Power Timer – LMC555
Rev 1.1
21/01/18
 
Application Notes Continued
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Figure 3 – Astable Operation (Multivibrator)
GND
TRIGGER
RESET
CONTROL
VOLTAGE
THRESHOLD
DISCHARGE
VDD
10k
1
2
3
4
8
7
6
5
ALTERNATE
OUTPUT
C
OUTPUT
R
VDD
VDD
f =
1
1.4RC
Optional
Capacitor
VDD
tOUTPUT = -lN (1/3) RAC = 1.1RAC
RA
GND
1
8
TRIGGER
DISCHARGE
2
7
OUTPUT
RESET
CONTROL
THRESHOLD
OPTIONAL
CAPACITOR
3
6
4
5
VDD = ≤ 18V
C
Figure 2 – Monostable Operation
Page 6 of 8 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com