Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 3 Page - Silicon Supplies

Part # LMC555
Description  CMOS Low Power Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LMC555 Datasheet(HTML) 3 Page - Silicon Supplies

  LMC555 Datasheet HTML 1Page - Silicon Supplies LMC555 Datasheet HTML 2Page - Silicon Supplies LMC555 Datasheet HTML 3Page - Silicon Supplies LMC555 Datasheet HTML 4Page - Silicon Supplies LMC555 Datasheet HTML 5Page - Silicon Supplies LMC555 Datasheet HTML 6Page - Silicon Supplies LMC555 Datasheet HTML 7Page - Silicon Supplies LMC555 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS Low Power Timer – LMC555
Rev 1.1
21/01/18
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VDD
2
18
V
Output Current
IO
-
20
mA
Input Voltage
VTH, VTRIG,VRESET
-0.3
VDD +0.3
V
Recommended Operating Conditions (Voltages referenced to GND)
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
18
V
Output Current
IO
100
mA
Input Voltage
VTH, VTRIG,VRESET,VCTRL
VDD ±0.3
V
Operating Temperature Range
TJ
-55 to 125
°C
Storage Temperature Range
TSTG
-65 to 150
°C
Power Dissipation in Still Air
2
PD
300
mW
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
MIN
TYP
MAX
UNITS
TJ = 25°C
3.25
3.35
3.50
Threshold Voltage
VTH
5V
TJ = -55°C to +125°C
3
-
0.80
V
TJ = 25°C
1.55
1.65
1.80
Trigger Voltage
VTRIG
5V
TJ = -55°C to +125°C
1.40
-
2.00
V
2V
18V
TJ = 25°C
0.4
0.7
1
2V
Reset Voltage
VRESET
18V
TJ = -55°C to +125°C
0.2
-
1.5
V
TJ = 25°C
2.9
3.3
3.8
Control Voltage
VCTRL
5V
TJ = -55°C to +125°C
-
-
-
V
5V
IOL = 3.2mA, TJ = 25°C
-
-
0.40
15V
IOL = 20mA, TJ = 25°C
-
-
1.00
5V
IOL = 3.2mA, TJ = 125°C
-
-
0.60
Low-Level Output
Voltage
VOL
15V
IOL = 20mA, TJ = 125°C
-
-
1.50
V
5V
4.00
-
-
15V
IOH = -0.8mA, TJ = 25°C
14.30
-
-
5V
3.50
-
-
High-Level Output
Voltage
VOH
15V
IOH = -0.8mA,
TJ = -55°C to +125°C
14.00
-
-
V
2V
-
-
200
18V
TJ = 25°C
-
-
300
2V
-
-
600
Supply Current
2
ICC
18V
TJ = -55°C to +125°C
-
-
1000
µA
 
DC Electrical Characteristics (Voltages referenced to GND)
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic package at 25°C, results in die form are dependent on die attach and assembly method.
2. Essentially independent of
VTH, VTRIG,VRESET voltages.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com