Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LMC555
Description  CMOS Low Power Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LMC555 Datasheet(HTML) 2 Page - Silicon Supplies

  LMC555 Datasheet HTML 1Page - Silicon Supplies LMC555 Datasheet HTML 2Page - Silicon Supplies LMC555 Datasheet HTML 3Page - Silicon Supplies LMC555 Datasheet HTML 4Page - Silicon Supplies LMC555 Datasheet HTML 5Page - Silicon Supplies LMC555 Datasheet HTML 6Page - Silicon Supplies LMC555 Datasheet HTML 7Page - Silicon Supplies LMC555 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
d 
CMOS Low Power Timer – LMC555
Rev 1.1
21/01/18
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
COORDINATES
(mm)
PAD
FUNCTION
X
Y
1
GND 
1.084 
0.119 
2
TRIGGER 
1.084 
0.4015 
3
OUTPUT 
1.0735 
0.9545 
4
RESET 
0.845 
0.984 
5
CONTROL 
VOLTAGE 
0.3335 
0.984 
6
THRESHOLD 
0.116 
0.8995 
7
DISCHARGE 
0.116 
0.6965 
8
VDD 
0.1535 
0.116 
CHIP BACK POTENTIAL IS GND OR FLOAT
 
Truth Table
1300µm (51.18 mils)
0,0
8
1
2
3
5
6
4
7
DIE ID
THRESHOLD
TRIGGER
RESET
OUTPUT
DISCHARGE
X
X
L
L
ON
> 2/3·VDD
> 1/3·VDD
H
L
ON
< 2/3·VDD
> 1/3·VDD
H
STABLE
STABLE
X
< 1/3·VDD
H
H
OFF
NOTE: RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD
Page 2 of 8 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com