Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 5 Page - Silicon Supplies

Part # LMC555
Description  CMOS Low Power Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LMC555 Datasheet(HTML) 5 Page - Silicon Supplies

  LMC555 Datasheet HTML 1Page - Silicon Supplies LMC555 Datasheet HTML 2Page - Silicon Supplies LMC555 Datasheet HTML 3Page - Silicon Supplies LMC555 Datasheet HTML 4Page - Silicon Supplies LMC555 Datasheet HTML 5Page - Silicon Supplies LMC555 Datasheet HTML 6Page - Silicon Supplies LMC555 Datasheet HTML 7Page - Silicon Supplies LMC555 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
 
CMOS Low Power Timer – LMC555
Rev 1.1
21/01/18
 
Application Notes Continued
 
Astable Mode
 
 
 
The circuit can be connected to trigger itself & free-run as a multivibrator (Figure 3). The output swings from rail-to-rail
and is a true 50% duty cycle square wave. Less than a 1% frequency variation is observed over a voltage range of
+5V to +15V. Duty Cycle is configurable by setting the ratio of resistors RA + RB (Figure 4), the external capacitor
charges through RA + RB and discharges through RB.
 
Monostable Mode
 
 
 
The timer functions as a one-shot. Initially the external capacitor (C) is held discharged by a transistor inside the
timer. Upon application of a negative TRIGGER pulse to pin 2 the internal flip-flop is set which releases the short
circuit across the external capacitor and drives the OUTPUT high. The voltage across the capacitor now increases
exponentially with a time constant t=RAC. When the voltage across the capacitor equals 2/3 VDD, the comparator
resets the flip-flop, which in turn discharges the capacitor rapidly & drives the OUTPUT to its low state. TRIGGER
must return to a high state before the OUTPUT can return to a low state (Figure 2).
 
Control Voltage
 
 
 
The CONTROL VOLTAGE terminal permits the two trip voltages for the THRESHOLD and TRIGGER internal
comparators to be controlled. This provides the possibility of oscillation frequency modulation in the astable mode or
even inhibition of oscillation, depending on the applied voltage. In the monostable mode, delay times can be changed
by varying the applied voltage to the CONTROL VOLTAGE pin.
RESET
 
 
 
 
The RESET terminal is designed to have essentially the same trip voltages as the standard bipolar 555 i.e. 0.6V to
0.7V. At all supply voltages it represents an extremely high input impedance. The mode of operation of the RESET
function is much improved over the standard bipolar 555 in that it controls only the internal flip-flop, which in turn
controls simultaneously the state of the OUTPUT and DISCHARGE pins. This avoids the multiple threshold problems
sometimes encountered with slow falling edges in the legacy bipolar 555 devices. If RESET is not used tie to VDD.
 
 
 
 
 
 
 
Figure 1 – Switching Waveform
Page 5 of 8 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com