Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  2948 Datasheet HTML 1Page - Aeroflex Circuit Technology 2948 Datasheet HTML 2Page - Aeroflex Circuit Technology 2948 Datasheet HTML 3Page - Aeroflex Circuit Technology 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
Maximum input voltage
30 VRMS, 50 Vdc
Level Ranges
0 - 100 mV to 0 - 100 V RMS in a 1, 3, 10 sequence
Digital readout also in mW (user selectable)
Resolution
1 mV or 1% of reading
Indication
3 digits and bar-chart
Accuracy AC
±3% ±3 mV ± resolution up to 30 V RMS
Accuracy DC
±1% +50 mV up to 40 V
A
AU
UD
DIIO
O F
FR
RE
EQ
QU
UE
EN
NC
CY
Y M
ME
ET
TE
ER
R
Frequency Range
20 Hz to 50 kHz
Resolution
0.1 Hz, less than 10 kHz
1 Hz, at 10 kHz and above
Indication
5 digits
Accuracy
As frequency standard ± 1 digit ± resolution
Sensitivity
50 mV
A
AU
UD
DIIO
O S
SIIN
NA
AD
D M
ME
ET
TE
ER
R
Frequency
1 kHz
Range
0 to 18 dB and 0 to 50 dB
Resolution
0.1 dB
Indication
3 digits and bar-charts
Accuracy
± 1 dB
Sensitivity
50 mV (100 mV for 40 dB SINAD) reading suppressed if audio voltage
is less than 5 mV
A
AU
UD
DIIO
O D
DIIS
ST
TO
OR
RT
TIIO
ON
N M
ME
ET
TE
ER
R
Frequency
1 kHz
Range
0 to 10% and 0 to 30%
Resolution
0.1% distortion
Indication
3 digits and bar-charts
Accuracy
±1 dB of reading ± 0.5% distortion
Sensitivity
50 mV (100 mV for 1% distortion) reading suppressed if audio voltage
is less than 5 mV
A
AU
UD
DIIO
O S
S/
/N
N M
ME
ET
TE
ER
R
Range
0 to 30 dB and 0 to 100 dB
Resolution
0.1 dB
Indication
3 digits and bar-chart
Accuracy
±1 dB
Sensitivity
50 mV (100 mV for 40 dB S/N) reading suppressed if audio voltage is
less than 5 mV
A
AU
UD
DIIO
O O
OS
SC
CIIL
LL
LO
OS
SC
CO
OP
PE
E
Operating Modes
Single or repetitive sweep
Frequency Range
DC to 50 kHz, 3 Hz to 50 kHz AC coupled
Voltage Range
10 mV to 20 V per division in a 1, 2, 5 sequence
Voltage Accuracy
±5% of full scale
FM Ranges
±75, 30, 15, 6, 3 and 1.5 kHz deviation full scale, ±10% accuracy
AM Ranges
20, 10 and 5% per division, ±10% accuracy
Timebase
50
µs/div to 5 s/div in a 1, 2, 5 sequence
Graticule
10 Horizontal by 6 Vertical divisions
Special features
Built in antialiasing circuitry and variable decode trigger level
A
AU
UD
DIIO
O B
BA
AR
R C
CH
HA
AR
RT
TS
S
Bar-chart Displays
AF Voltage, SINAD, Distortion, S/N
2948iss15.qxd
01/Dec/2004
10:07
Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com