Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology 2948 Datasheet HTML 10Page - Aeroflex Circuit Technology 2948 Datasheet HTML 11Page - Aeroflex Circuit Technology 2948 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y S
ST
TA
AN
ND
DA
AR
RD
D
Internal Frequency Standard (OCXO)
Frequency
10 MHz
Temperature Stability
Better than 5 parts in 108, 0 to 55°C
Ageing Rate
Better than 1 part in 107, per year, after 1 month continous use
Warm up
Less than 10 minutes to within 2 parts in 107 at 20°C
External Frequency Standard Input
Frequency
1, 2, 5 and 10 MHz
Input Level
Greater than 1 V peak to peak
Input Impedance
Nominally 1 k
Ω
G
GE
EN
NE
ER
RA
AL
L
Keyboard and Display
Logical color coded keyboard with bright high resolution fast LCD
Display Size
160 x 85 mm
RS-232C
RS-232C interface is provided for printing and remote instrument con-
trol
Connector
9 way female ‘D’ Type
POWER REQUIREMENTS
AC Supply Voltage
100 - 240 V~ / 108 - 118 V~ (Limit 90 - 264 V~/98 - 132 V~)
AC Supply Frequency
50 - 60 Hz / 50 - 400 Hz (Limit 45 - 66 Hz / 45 - 440 Hz)
Maximum AC Power
190 VA
DC Supply Voltage
11 to 32 V
Maximum DC Power
100 W
CALIBRATION INTERAL
2 years
ELECTROMAGNETIC COMPATIBILITY
Conforms with the protection requirements of Council Directive
89/336/EEC. Complies with the limits specified in the following stan-
dard:
IEC/EN61326-1 : 1997, RF Emission Class B, Immunity table 1,
Performance Criteria B
Safety
Conforms with the requirements of EEC Council Directive 73/23/EEC
(as amended) and the product safety standard IEC / EN 61010-1 :
2001 + C1 : 2002 + C2 : 2003 for Class 1 portable equipment, for
use in a Pollution Degree 2 environment. The instrument is designed to
be operated from an Installation Category 2 supply.
CALIBRATION INTERVAL
2 years
ENVIRONMENTAL
Rated Range of Use
0 to 50°C and up to 95% relative humidity at 40°C
Storage and Transport
Temperature
-40 to +71°C
Altitude
Up to 2500 m (pressurised freight at 27 kPa differential)
DIMENSIONS AND WEIGHT
Height
178 mm (7 in)
Width
380 mm (15 in)
Depth
457 mm (18 in)
(including handle, feet and covers)
Weight
Less than 12 kg (standard version)
O
OP
PT
TIIO
ON
NS
S A
AN
ND
D A
AC
CC
CE
ES
SS
SO
OR
RIIE
ES
S
600
Ω
Ω MATCHING UNIT (OPTION 1)
INPUT CIRCUIT
Impedance
600
Ω
Return Loss
>21 dB at 1 kHz
Frequency Response
±0.5 dB at 200 Hz to 5 kHz,
±2 dB at 100 Hz to 20 kHz
Accuracy of 1:1 input:output ratio
±1% at 1 kHz ± accuracy of 2945A, 2946A or 2948
Maximum Input
5 V RMS maximum at 200 Hz to 5 kHz
3 V RMS maximum at 100 Hz to 20 kHz
OUTPUT CIRCUIT
Impedance
600
Ω
Return Loss
>21 dB at 1 kHz
2948iss15.qxd
01/Dec/2004
10:07
Page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com