Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology 2948 Datasheet HTML 10Page - Aeroflex Circuit Technology 2948 Datasheet HTML 11Page - Aeroflex Circuit Technology 2948 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Frequency response
±0.5 dB at 200 Hz to 5 kHz
±2 dB at 100 Hz to 20 kHz
Level Accuracy
±2% at 1 kHz ± accuracy of 2945A, 2946A or 2948
Output Level
1 mV to 2.5 V RMS across 600
Ω
ANALOG SYSTEMS CARD (OPTION 2)
This option provides automatic testing for cellular,trunked and FM
radios and a BASIC Interpreter for customized tests.
PARALLEL INTERFACE (OPTION 4)
Allows direct connection of a parallel printer. Additionally provides 4
software programmable output lines.
Printer Port
Connector
25 way female D type
Printers Supported
75, 100, 150 dots per inch laser printers, FX 80, FX 100 Epson for-
mat.
Accessory Port
Connector
9 way female D type
Outputs
4 independently programmable output lines, each one configurable as
a logic line or as a relay contact closure. +5V supply available.
GPIB (OPTION 5)
Capability
For printing, remote instrument control or for programming of user
defined test sequences.
Complies with the following subsets defined by IEEE488:- SH1, AH1,
T6, L4, SR1, RL1, DT0, EI, DC1
MEMORY CARD DRIVE AND REAL TIME CLOCK (OPTION 6)
The memory card facility allows the storage of results, set-ups screen
dumps and user programs with SRAM cards. Meets PCMCIA 2 stan-
dard.
Allows the current date and time to be stored with results to the mem-
ory card and/or printed with a screen dump.
SSB DEMODULATOR (OPTION 8)
The SSB demodulator allows signals to be demodulated either via the
internal loudspeaker or via the accessory socket. Provides demodula-
tion of SSB signals (upper and lower sideband)
Frequency Range
400 kHz to 1 GHz
AF Demodulation Range
10 Hz to 15 kHz
Distortion
Typically less than 3% at 1 kHz (300 to 3.4 kHz)
Detection Range
2 µV to 150 W
Features
Automatic detection of USB or LSB. BFO can be used for tuning of
carrier for AM and FM radio’s.
OCCUPIED BANDWIDTH MEASUREMENT (OPTION 9)
Calculates the bandwidth of a signal displayed on the spectrum analyz-
er.
Frequency Range
1 MHz to 1 GHz
Display Resolution
3 digits
Accuracy
20%
Bandwidth Measurement Range
3 kHz minimum
Ratio range 90% - 99% selectable in 0.1% steps
NMT CELLULAR SOFTWARE (OPTION 10)
NMT 450
NMT 900
Benelux
NMTF
Austria
Spain
Malaysia
Indonesia
Saudi 1
Saudi 2
Thailand
Oman
Tunisia
Hungary
Poland
Russia
Czech
Bulgaria
Slovenia
Turkey
USER DEFINED NMT
AMPS CELLULAR SOFTWARE (OPTION 11)
E-AMPS
N-AMPS
USER DEFINED AMPS
TACS CELLULAR SOFTWARE (OPTION 12)
E-TACS
TACS 2
C-TACS I
C-TACS II
J-TACS
N-TACS
USER DEFINED TACS
MPT 1327 TRUNKING SOFTWARE (OPTION 13)
BAND III
JRC
UK WATER
HONG KONG
AUTONET
AMT
MADEIRA
NL-TRAXIS
NZ MPT1327
PH-INDO
USER DEFINED MPT
PMRTEST SOFTWARE (OPTION 14)
USER DEFINED PMR for FM radio’s
EDACS
™
™ RADIO TEST SOFTWARE (OPTION 15)
Provides Auto/Manual test capability for EDACS
™ radios. Up to 4 User
defined variants can be created and stored, each with up to 24 spot
channel frequencies.
EDACS
™
™ REPEATER TEST SOFTWARE (OPTION 16)
Provides Auto/Manual test capability for EDACS
™ repeaters. Up to 4
user defined variants can be created and stored, each with up to 24
spot channel frequencies. A data logging facility is also available to
continuously decode and display data messages from the repeater
under test.
EDACS is an Ericsson GE registered trademark. IFR is an EDACS
trunking licensee.
2948iss15.qxd
01/Dec/2004
10:07
Page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com