Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button 2948 Datasheet HTML 2Page - Aeroflex Circuit Technology 2948 Datasheet HTML 3Page - Aeroflex Circuit Technology 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology 2948 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Vertical Resolution
2% of full scale
Ranging
Autoranging, range hold or manual selection
1, 2, 5, sequence with hysteresis
Audio and Modulation Filters
300 Hz, 3 kHz, 15 kHz Lowpass
300 Hz to 3.4 kHz Bandpass
300 Hz Highpass
750 µs de-emphasis
50 kHz Lowpass (No filters applied)
Audio Analyzer General Features
Tones Mode
R
RF
F F
FR
RE
EQ
QU
UE
EN
NC
CY
Y M
ME
ET
TE
ER
R
Frequency Range
400 kHz to 1.05 GHz (manual tune)
10 MHz to 1 GHz (autotune)
Resolution
1 Hz or 10 Hz, up to 1050 MHz, selectable
0.1 Hz, 1 Hz or 10 Hz up to 999 MHz, selectable
Indication
Up to 10 digits
Accuracy
As frequency standard ± resolution
Acquisition Time
Less than 1 second (manual)
Typically 3 seconds (autotune)
Sensitivity
Autotuned 5 mW (N-Type)
0.05 mW (Antenna port)
Manual Tuned:-34 dBm (N-Type) -60 dBm (Antenna port)
VSWR
N-Type: Better than 1.2:1 up to 500 MHz
Better than 1.25:1 up to 1.05 GHz
BNC: Better than 3:1 up to 1.05 GHz
R
RF
F P
PO
OW
WE
ER
R M
ME
ET
TE
ER
R ((B
BR
RO
OA
AD
DB
BA
AN
ND
D))
Frequency Range
200 kHz to 1.05 GHz
Dynamic Range
5 mW to 150 W (N-Type)
0.05 mW to 250 mW (Antenna port)
Indication Units
Watts, dBm or dBW
Indication
3 digits or bar-chart
Resolution
0.1 dB max, typically 1%
Accuracy (N-Type)
±10% ± resolution up to 1 GHz
Maximum Continuous Rating
N-Type: 50 W at 20 °C
BNC output: 5 W
Antenna port: 1 W
Intermittent Rating
N-Type: 150 W for limited periods, typically 1 minute at 20 °C.
Overload indicated by audible and visual warning.
H
HA
AR
RM
MO
ON
NIIC
C A
AN
ND
D T
TR
RA
AN
NS
SIIE
EN
NT
T A
AN
NA
AL
LY
YS
SIIS
S
Harmonic Measurement
Displays 1st to 5th harmonic of the selected carrier.
Maximum Harmonic Frequency
1.05 GHz
Dynamic Range
0 to -60 dBc
TRANSIENT POWER ANALYSIS
Displays power profile against time
Frequency Range
1 to 1050 MHz
Dynamic Range
60 dB below spectrum analyzer reference level
Scale (power)
10 dB/div
Scale (time)
50 µs/division to 5 s/div
Trigger Level
Adjustable over full dynamic range +ve or -ve trigger selection
Pre-trigger
0, 25, 50, 75 or 100% of displayed period
M
MO
OD
DU
UL
LA
AT
TIIO
ON
N M
ME
ET
TE
ER
R
Sensitivity
Autotuned: 5 mW (N-Type)
0.05 mW (Antenna port)
2948iss15.qxd
01/Dec/2004
10:07
Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com