Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology 2948 Datasheet HTML 10Page - Aeroflex Circuit Technology 2948 Datasheet HTML 11Page - Aeroflex Circuit Technology 2948 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
POCSAG DECODE (OPTION 22)
Allows off-air decoding of POCSAG messages. Can decode a message
as it is received, or decoding can be triggered from a user selectable
RIC code or fixed message pattern.
Bit Rate
Automatically decodes any standard bit rate up to 4800 bits/s.
Numeric or alphanumeric decoding is provided.
Number of received errors is displayed.
CCITT FILTER (OPTION 23)
Allows a CCITT filter to be inserted into either the demodulated audio
path or the audio input path.
CMESS FILTER (OPTION 24)
Allows a CMESS filter to be inserted into either the demodulated audio
path or the audio input path.
AVIONICS (OPTION 25)
Provides amplitude modulated signals for testing ILS, VOR, Marker
Beacons and SELCAL.
(Full details of the Avionics features can be found in the 2946A data
sheet, part number: 46891-030)
BAIL ARM/FRONT COVER (OPTION 30)
Provides a Bail arm carrying handle and front panel cover and storage
area. The Bail arm will also provide additional viewing angles when
mounted on a bench.
Notes
(1) At low modulation levels the residual AM/FM may become significant.
V
VE
ER
RS
SIIO
ON
NS
S A
AN
ND
D A
AC
CC
CE
ES
SS
SO
OR
RIIE
ES
S
When ordering please quote the full ordering number information.
Ordering Numbers
Versions
2948
Low-Noise Communications Service Monitor
Options
Option 1
600 Ω Matching Unit
Option 2
Analog Systems Card
Option 4
Parallel Interface†
Option 5
GPIB Interface†
Option 6
Memory Card Drive with real time clock
Option 8
SSB demodulator
Option 9
Occupied Bandwidth Measurement
Note: Option 2 required when ordering any of the following
options 10 to 16
Option 10
NMT Cellular
Option 11
AMPS Cellular
Option 12
TACS Cellular
Option 13
MPT 1327 trunking
Option 14
PMRTEST
Option 15
EDACS™ Radio Test
Option 16
EDACS™ Repeater Test
Option 22
POCSAG Decode
Option 23
CCITT Filter†
Option 24
CMESS Filter†
Option 25
Avionics
Option 30
Bail Arm and Front Panel Stowage
Supplied Accessories
AC Supply lead
DC Supply lead
Operating Manual
Optional Accessories
44991/145
Microphone with PTT
59000/189
Memory Card (128k)
59000/375
Memory Cadr (2 M)
46662/571
‘Ever-Ready’ Case
46662/616
‘Ever-Ready’ Case for use with Option 30
54112/163
Hard Transit Case
54431/023
20 dB AF attenuator (BNC)
46884/728
Rack Mounting Kit
54421/001
BNC Telescopic Antenna
46884/650
Serial port to PC control cable (9 way)
46884/649
Serial port to PC control cable (25 way)
46884/648
RS-232 Printer cable (25 way)
59999/170
RF Directional Bridge
54421/002
RF Directional Power Head (1 to 50 MHz)
54421/003
RF Directional Power Head (25 to 1000 MHz)
54432/012
Wideband Amplifier (100 Hz to 500 MHz)
46880/082
Service Manual
† Options 4 and 5 can not be fitted together.
† Options 23 and 24 can not be fitted together.
2948iss15.qxd
01/Dec/2004
10:07
Page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com