Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button 2948 Datasheet HTML 3Page - Aeroflex Circuit Technology 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology 2948 Datasheet HTML 10Page - Aeroflex Circuit Technology 2948 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
Manual Tuned:-34 dBm (N-Type)
-60 dBm (Antenna port)
Audio and Modulation Filters
300 Hz, 3 kHz, 15 kHz Lowpass
300 Hz to 3.4 kHz Bandpass
300 Hz Highpass
750 µs de-emphasis
50 kHz Lowpass (No filters applied)
AMPLITUDE MODULATION
Frequency Range
400 kHz to 1.05 GHz
Modulation Frequency Range
10 Hz to 15 kHz
AM Depth Range
0 to 99% (manually tuned)
0 to 90% below 100 MHz
0 to 80% from 100 to 400 MHz
Resolution
1% AM
Indication
2 digits and bar-chart
Accuracy(1)
±5% ±1 digit at 1 kHz
±8.5% ±1 digit from 50 Hz to 10 kHz
Demodulation Distortion(1)
Less than 2%, at 1 kHz and 30% AM, (CCITT weighted)
Residual AM
Less than 1% (300 Hz to 3.4 kHz)
Demodulation Output
50 mV peak to peak for 1% AM
FREQUENCY MODULATION
Frequency Range
400 kHz to 1.05 GHz
Modulation Frequency Range
10 Hz to 15 kHz
Deviation Range
0 to 75 kHz
Resolution
10 Hz below 2 kHz deviation
1% above 2 kHz deviation
Indication
3 digits and bar-chart
Accuracy(1)
±5% ± resolution at 1 kHz modulation frequency
±7.5% ± resolution for modulation frequencies 50 Hz to 10 kHz
Demodulation Distortion
Less than 2% at 1 kHz and 5 kHz FM, (CCITT weighted)
Residual FM
Less than 30 Hz (300 Hz to 3.4 kHz)
Demodulation Output Socket
200 mV peak to peak ±10% per 1 kHz deviation
R
RF
F S
SP
PE
EC
CT
TR
RU
UM
M A
AN
NA
AL
LY
YZ
ZE
ER
R
Frequency Range
400 kHz to 1.05 GHz
Spans
1 kHz/division to 100 MHz/division in a 1, 2, 5 sequence or continu-
ously variable
Start - stop facility allows selection of infinitely variable span width
Resolution Bandwidth
300 Hz, 3, 30, 300 kHz, 3 MHz
Reference Level (top of screen)
-50 dBm to +52 dBm 0.7 mV to 71 V
Displayed Dynamic Range
80 dB
Noise floor
Typically 75 dB below top of screen
On Screen Linearity
Typically ±2 dB ±1 resolution (10 dB/div) 10 dB above noise floor
Vertical Resolution
0.1 dB on 2 dB/division
0.5 dB on 10 dB/division
Level Flatness
±2 dB ± resolution (10 dB/div)
Intermodulation Distortion
Better than 70 dB for two signals at -30 dBm into first mixer
Sweep Speeds
10 ms/div to 200 ms/div in a 1, 2, 5 sequence (optimum sweep speed
and bandwidth selected according to span or user selectable)
Span
Resolution
Update
Bandwidth
(Sweeps/sec)
10 kHz
300 Hz
5
100 kHz
3 kHz
9
1 MHz
30 kHz
9
10 MHz
300 kHz
9
100 MHz
300 kHz
5
1000 MHz
3 MHz
5
Marker Indication
Level and frequency or delta marker from centre line of screen
Single marker for frequency and level display.
Marker to centre frequency marker
Features
Simultaneous ‘Look and Listen’ spans 100 kHz, 200 kHz, 500 kHz,
1 MHz
2948iss15.qxd
01/Dec/2004
10:07
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com