Electronic Components Datasheet Search
  English  ▼

X  

2948 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology 2948 Datasheet HTML 10Page - Aeroflex Circuit Technology 2948 Datasheet HTML 11Page - Aeroflex Circuit Technology 2948 Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Sensitivity
2µV
Tracking Generator Offset/Frequency Range
0-999 MHz/400 kHz to 1000 MHz
A
AU
UD
DIIO
O G
GE
EN
NE
ER
RA
AT
TO
OR
RS
S
FREQUENCY
Frequency Range
10 Hz to 25 kHz (sine or square)
Setting
Keyboard entry, delta increment / decrement function and rotary con-
trol
Indication
5 digits
Resolution
0.1 Hz below 3.25 kHz
1 Hz above 3.25 kHz
Accuracy
0.01 Hz below 180 Hz, 0.1 Hz above 180 Hz
LEVEL
Level Range
0.1 mV to 4 VRMS
Setting
Keyboard entry, delta increment / decrement function and rotary con-
trol
Indication
4 digits
Resolution
0.1 mV below 409 mV
1 mV above 409 mV
Accuracy
± 5% + resolution 50 Hz - 15 kHz
Output Impedance
Nominally 5
Ω (minimum load 25 W)
Distortion
Less than 0.5% at 1 kHz
Less than 1% from 50 Hz to 15 kHz
Signaling Encoder/Decoder
Sequential tones functions including revert
User defined tones
Encodes and decodes up to 40 tones.
CCIR, ZVEI, DZVEI, EEA, EIA or user defined.
Any of the tones may be extended.
Continuous, burst and single step modes available.
Up to two frequency plans may be defined and stored within the 2948
for sequential tones. Any of the standard tone frequency plans may be
copied to user defined and modified.
Tone length 20 ms to 1 s.
Standard tone frequencies may be selected from a menu.
Generation and decoding of DTMF tones.
Generation and decoding of DCS (Digitally Coded Squelch).
Generation of POCSAG code CCIR No.1 Rec 584. Bit rates from 400
to 4800 bit/s. Inversion available.
AUDIO MONITOR
Demodulated signals and audio signals may be monitored via the inter-
nal loudspeaker and the accessory socket output on the front panel.
C
CE
EL
LL
LU
UL
LA
AR
R A
AN
ND
D T
TR
RU
UN
NK
KIIN
NG
G
Test Modes
Auto test/manual test
Auto Test Programs
Call processing only
Call and RF testing
Brief testing
Comprehensive testing
Parametric Auto Test Routines
AF Frequency
AF Level
FM Deviation
Mod frequency
Rx Distortion
Rx expansion
Rx sensitivity
Rx SINAD
Rx S/N
Tx Compression
Tx Distortion
Tx frequency
Tx Level
Tx Power Level
Tx Limiting
Tx Mod Level
Tx Noise
Tx SINAD
Tx S/N
Signaling Auto Test Routines
Registration/Roaming Update
Place Call
Page Mobile
Clear from Land
Clear from Mobile
Handoff
Hook Flash
DTMF Decode
Data Performance
PTT On
PTT Off
SAT Deviation
SAT Frequency
ST Duration
ST Frequency
ST Deviation
DSAT Deviation
2948iss15.qxd
01/Dec/2004
10:07
Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com