| Electronic Components Datasheet Search |
|
TMS320C6421 Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 223 page ![]() www.ti.com TMS320C6421 Fixed-Point Digital Signal Processor SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007 Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. EMIFA FUNCTIONAL PINS: 8-Bit ASYNC/NOR (EMIFA Pinout Mode 2, AEM[2:0] = 010) Actual pin functions are determined by the PINMUX0 and PINMUX1 register bit settings (e.g., AEM[2:0], etc.). For more details, see Section 3.7, Multiplexed Pin Configurations. This pin is multiplexed between EMIFA, and GPIO. For EMIFA, this pin is Chip Select 2 output EM_CS2 for use with asynchronous memories (i.e., NOR flash). EM_CS2/ IPD This is the chip select for the default boot and ROM boot modes. C19 C22 I/O/Z GP[12] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMIFA, and GPIO. For EMIFA, this pin is Chip Select 3 output EM_CS3 for use with asynchronous memories (i.e., NOR flash). EM_CS3/ IPD C18 D22 I/O/Z GP[13] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO. For EMIFA, it is Chip Select 4 output EM_CS4 for use with RMRXD0/ asynchronous memories (i.e., NOR flash). IPD EM_CS4/ E19 H22 I/O/Z DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is GP[32] connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO. For EMIFA, it is Chip Select 5 output EM_CS5 for use with RMRXD1/ asynchronous memories (i.e., NOR flash). IPD EM_CS5/ F19 J22 I/O/Z DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is GP[33] connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMIFA and GPIO. EM_R/W/ IPD D13 C17 I/O/Z GP[35] DVDD33 For EMIFA, it is read/write output EM_R/W. EM_WAIT/ IPU For EMIFA (ASYNC/NOR), this pin is wait state extension input E15 D20 I/O/Z (RDY/BSY) DVDD33 EM_WAIT. IPU EM_OE D15 D19 I/O/Z For EMIFA, it is output enable output EM_OE. DVDD33 IPU EM_WE E14 C19 I/O/Z For EMIFA, it is write enable output EM_WE. DVDD33 This pin is multiplexed between EMIFA and GPIO. EM_BA[0]/ IPD For EMIFA, this is the Bank Address 0 output (EM_BA[0]). C17 E20 I/O/Z GP[6]/(AEM1) DVDD33 When connected to an 8-bit asynchronous memory, this pin is the lowest order bit of the byte address. This pin is multiplexed between EMIFA and GPIO. EM_BA[1]/ IPD For EMIFA, this is the Bank Address 1 output EM_BA[1]. C16 C20 I/O/Z GP[5]/(AEM0) DVDD33 When connected to an 8-bit asynchronous memory, this pin is the 2nd bit of the address. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Device Overview 34 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |