Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 87Page - Texas Instruments TMS320C6421 Datasheet HTML 88Page - Texas Instruments TMS320C6421 Datasheet HTML 89Page - Texas Instruments TMS320C6421 Datasheet HTML 90Page - Texas Instruments TMS320C6421 Datasheet HTML 91Page - Texas Instruments TMS320C6421 Datasheet HTML 92Page - Texas Instruments TMS320C6421 Datasheet HTML 93Page - Texas Instruments TMS320C6421 Datasheet HTML 94Page - Texas Instruments TMS320C6421 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 223 page
background image
www.ti.com
3.7.3
Pin Multiplexing Details
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
This section discusses how to program each Pin Mux Block to select the desired peripheral functions.
The following steps can be used to determine pin muxing suitable for the application:
1. Understand the major configuration choices available for the specific application.
a.
Device Major Configuration Choices: Figure 3-10 shown in Section 3.7, Multiplexed Pin
Configurations, provides a high-level view of the device pin muxing and can be used to determine
the possible mix of peripheral options for a specific application.
b.
EMIFA Block Major Configuration Choices: The EMIFA block features extensive pin multiplexing to
accommodate a variety of applications. In addition to Figure 3-10, Section 3.7.3.11, EMIFA Block
Muxing, provides more details on the Major Configuration choices for this block.
2. See Section 3.7.3.1, Multiplexed Pins on C6421, for a summary of all the multiplexed pins on this
device and the pin mux group they belong to.
3. Refer to the individual pin mux sections (Section 3.7.3.3, Host Block Muxing to Section 3.7.3.11,
EMIFA Block Muxing) for pin muxing details for a specific pin mux block.
a.
For peripherals that span multiple pin mux blocks, the user must select the appropriate pins for that
peripheral in all relevant pin mux blocks. For more details, see Section 3.7.3.2, Peripherals
Spanning Multiple Pin Mux Blocks .
For details on PINMUX0 and PINMUX1 registers, see Section 3.7.2.
3.7.3.1 Multiplexed Pins on C6421
Table 3-19 summarizes all of the multiplexed pins on C6421, the pin mux group for each pin, and the
PINMUX register fields that control the pin. For pin mux details, see the specific pin mux group section
(Section 3.7.3.3, Host Block Muxing to Section 3.7.3.11, EMIFA Block Muxing). For a description of the
PINMUX register fields, see Section 3.7.2.
Table 3-19. Multiplexed Pins on C6421
SIGNAL
PINMUX DESCRIPTION
ZWT
ZDU
NAME
PINMUX GROUP
CONTROLLED BY PINMUX BIT FIELDS
NO.
NO.
GP[54]
A14
A18
EMIFA Sub-Block 0
-
GP[53]
A13
A17
EMIFA Sub-Block 0
-
RMRXER/GP[52]
A15
A19
EMIFA Sub-Block 0
RMII
EM_A[13]/GP[51]
B10
A12
EMIFA Sub-Block 0
AEM
EM_A[14]/GP[50]
A10
A13
EMIFA Sub-Block 0
AEM
EM_A[15]/GP[49]
B11
C13
EMIFASub-Block 0
AEM
EM_A[16]/GP[48]
C11
B13
EMIFA Sub-Block 0
AEM
EM_A[17]/GP[47]
A11
B14
EMIFASub-Block 0
AEM
EM_A[18]/GP[46]
D11
A14
EMIFA Sub-Block 0
AEM
EM_A[19]/GP[45]
B12
C14
EMIFASub-Block 0
AEM
EM_A[20]/GP[44]
C12
C15
EMIFA Sub-Block 0
AEM
GP[43]
A12
A15
EMIFA Sub-Block 0
GP[42]
B13
B15
EMIFA Sub-Block 0
GP[41]
C13
B16
EMIFA Sub-Block 0
GP[43:36] are standalone pins and are not
GP[40]
D14
C18
EMIFA Sub-Block 0
muxed with any other functions. They are
included in this table because they are grouped
GP[39]
B14
A16
EMIFA Sub-Block 0
in the EMIFA Sub-Block 0.
GP[38]
C14
B17
EMIFA Sub-Block 0
GP[37]
B15
B18
EMIFA Sub-Block 0
GP[36]
C15
B19
EMIFA Sub-Block 0
EM_R/W/GP[35]
D13
C17
EMIFA Sub-Block 0
AEM
EM_A[21]/GP[34]
D12
C16
EMIFA Sub-Block 0
AEM
RMRXD1/EM_CS5/GP[33]
F19
J22
EMIFA Sub-Block 1
RMII, CS5SEL
Submit Documentation Feedback
Device Configurations
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com