Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 66Page - Texas Instruments TMS320C6421 Datasheet HTML 67Page - Texas Instruments TMS320C6421 Datasheet HTML 68Page - Texas Instruments TMS320C6421 Datasheet HTML 69Page - Texas Instruments TMS320C6421 Datasheet HTML 70Page - Texas Instruments TMS320C6421 Datasheet HTML 71Page - Texas Instruments TMS320C6421 Datasheet HTML 72Page - Texas Instruments TMS320C6421 Datasheet HTML 73Page - Texas Instruments TMS320C6421 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 223 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
Table 3-4. Non-Fastboot Modes (FASTBOOT = 0)
DEVICE BOOT AND
CONFIGURATION
PLLC1 CLOCK SETTING AT BOOT
PINS
C6421 DSP
DSPBOOTADDR
BOOT DESCRIPTION(1)
(Master/Slave)
(DEFAULT)(1)
DEVICE
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
0001
Reserved
–
–
–
–
–
0010
HPI Boot
Slave
Bypass
/1
CLKIN
0x0010 0000
0011
Reserved
–
–
–
–
–
EMIFA ROM Direct Boot
0100
Master
Bypass
/1
CLKIN
0x4200 000
[PLL Bypass Mode]
I2C Boot
0101
Master
Bypass
/1
CLKIN
0x0010 0000
[STANDARD MODE](3)
0110
16-bit SPI Boot [McBSP0]
Master
Bypass
/1
CLKIN
0x0010 0000
0111
NAND Flash Boot
Master
Bypass
/1
CLKIN
0x0010 0000
UART Boot without
1000
Hardware Flow Control
Master
Bypass
/1
CLKIN
0x0010 0000
[UART0]
1001
Reserved
–
–
–
–
–
1010
VLYNQ Boot
Slave
Bypass
/1
CLKIN
0x0010 0000
1011
Reserved
–
–
–
–
–
1100
Reserved
–
–
–
–
–
1101
Reserved
–
–
–
–
–
UART Boot with Hardware
1110
Master
Bypass
/1
CLKIN
0x0010 0000
Flow Control [UART0]
24-bit SPI Boot
1111
Master
Bypass
/1
CLKIN
0x0010 0000
(McBSP0 + GP[97])
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000 (i.e., all boot modes except the EMIFA ROM Direct Boot,
BOOTMODE[3:0] = 0100, FASTBOOT = 0), the bootloader code disables all C64x+ cache (L2, L1P, and L1D) so that upon exit from the
bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application code must explicitly enable the
cache. For more information on the bootloader, see the Using the TMS320C642x Bootloader Application Report (literature number
SPRAAK5).
(2)
The PLL MODE for Non-Fastboot Modes is fixed as shown in this table; therefore, the PLLMS[2:0] configuration pins have no effect on
the PLL MODE.
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz and 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
Device Configurations
70
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com