| Electronic Components Datasheet Search |
|
TMS320C6421 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 223 page ![]() www.ti.com TMS320C6421 Fixed-Point Digital Signal Processor SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007 Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[21]/GP[34] D12 C16 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 21 output DVDD33 EM_A[21]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[20]/GP[44] C12 C15 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 20 output DVDD33 EM_A[20]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[19]/GP[45] B12 C14 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 19 output DVDD33 EM_A[19]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[18]/GP[46] D11 A14 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 18 output DVDD33 EM_A[18]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[17]/GP[47] A11 B14 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 17 output DVDD33 EM_A[17]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[16]/GP[48] C11 B13 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 16 output DVDD33 EM_A[16]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[15]/GP[49] B11 C13 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 15 output DVDD33 EM_A[15]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[14]/GP[50] A10 A13 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 14 output DVDD33 EM_A[14]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[13]/GP[51] B10 A12 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 13 output DVDD33 EM_A[13]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[12]/GP[89] D10 B12 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 12 output DVDD33 EM_A[12]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[11]/GP[90] C10 C12 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 11 output DVDD33 EM_A[11]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[10]/GP[91] A9 B11 I/O/Z For EMIFA (AEM[2:0] = 010), this pin is address bit 10 output DVDD33 EM_A[10]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[9]/GP[92] D9 C11 I/O/Z DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 9 output EM_A[9]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[8]/GP[93] B9 A11 I/O/Z DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 8 output EM_A[8]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[7]/GP[94] C9 C10 I/O/Z DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 7 output EM_A[7]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[6]/GP[95] D8 B10 I/O/Z DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 6 output EM_A[6]. This pin is multiplexed between EMIFA and GPIO. IPD EM_A[5]/GP[96] B8 A10 I/O/Z DVDD33 For EMIFA (AEM[2:0] = 010), this pin is address bit 5 output EM_A[5]. Submit Documentation Feedback Device Overview 35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |