Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 2Page - Texas Instruments TMS320C6421 Datasheet HTML 3Page - Texas Instruments TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments TMS320C6421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 223 page
background image
www.ti.com
Revision History
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS346B device-specific
data manual to make it an SPRS346C revision. Changed C6421 device information to the Production
Data (PD) stage of development.
Scope: Applicable updates to the C642x device family, specifically relating to the TMS320C6421 device,
have been incorporated.
• A 1.05 V core supply voltage is only supported on -6 (600 MHz) devices operating at SYSCLK1 ≤ 400
MHz.
• The C6421 device supports 24-bit SPI Boot (McBSP0 + GP[97]) and VLYNQ Boot.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
•
Updated/Changed L1D RAM from "0-KB" to "16-KB" and modified document where applicable
•
Updated/Changed L1D RAM/Cache from "16-KB" to "32-KB" and modified document where
applicable
•
Added literature references throughout the document.
•
Updated/Changed the following DDR2 pin names:
–
DDR_CLK0 to DDR_CLK
–
DDR_CLK0 to DDR_CLK
–
DDR_BS[0] to DDR_BA[0]
–
DDR_BS[1] to DDR_BA[1]
–
DDR_BS[2] to DDR_BA[2]
•
Updated/Changed the -400, -500, -600 frequency designators from -400, -500, and -600 to -4, -4Q,
-4S, -5, -5Q, -5S, and -6, where "Q" represents automotive and "S" represents automotive (tape and
reel).
•
Updated/Changed the devices that support a 1.05 V core suppply voltage from 400-MHz (-4) devices
to only the 600-MHz (-6) C6421 device when SYSCLK1
≤ 400 MHz.
•
Updated/Changed temperature range designator from "Extended" to "Automotive (Q or S suffix)".
•
Added memory locations to register tables.
Section 1.1
Section 1.1: Added "Supports up to 266-MHz (data rate) bus and interfaces to DDR2-400 SDRAM" to
"32-Bit DDR2 SDRAM Memory Controller With 256M-Byte Address Space (1.8-V I/O)" bullet
Section 2.1
Table 2-1, Characteristics of the C6424 Processor
Updated/Changed Product Status from "PP" to "PD"
Section 2.7
Section 2.7, Device and Development-Support Tool Nomenclature:
Updated/Changed example part number from "TMX320C6421AZWTA" to "TMS320C6421ZWTQ6"
Section 2.5
Section 2.5, Terminal Functions
Table 2-17, Host-Port Interface Terminal Functions:
Added "For proper HPI operation, if this pin is routed out, it must be pulled up via an external resistor" to
HAS/MDIO/AD3/GP[83] pin description
Table 2-10, RESET and JTAG Terminal Functions:
Added "For proper device operation, do not oppose the IPU on this pin" statement to TMS pin description
Section 3.1
Section 3.1, System Module Registers
Table 3-1, System Module Register Memory Map:
Updated/Changed EDMATCCFG register Description from "EDMA TC Configuration..." to "EDMA
Transfer Controller Default Burst Size Configuration..."
Section 3.4.1
Section 3.4.1, Boot Modes
Table 3-4 and Table 3-5:
Updated/Changed BOOTMODE[3:0] = 1010 from "Reserved" to "VLYNQ Boot"
Updated/Changed BOOTMODE[3:0] = 1111 from "Reserved" to "24-Bit SPI Boot (McBSP0 + GP[97])"
Section 5.2
Section 5.2, Recommended Operating Conditions:
Updated/Changed DVDD Supply voltage, I/O 3.3V (DVDD33) MIN value from "3.14 V" to "2.97 V"
Updated/Changed DVDD Supply voltage, I/O 3.3V (DVDD33) MAX value from "3.46 V" to "3.63 V"
Added "High-level input voltage, MXI/ CLKIN" with a MIN value of 0.65MXVDD to VIH row
Added "Low-level input voltage, MXI/ CLKIN" with a MAX value of 0.35MXVDD to VIL row
Added table note for CVDD Supply voltage, Core (-6 devices)
Revision History
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com