| Electronic Components Datasheet Search |
|
TMS320C6421 Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 223 page ![]() www.ti.com TMS320C6421 Fixed-Point Digital Signal Processor SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007 Table 2-26. Reserved Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. RESERVED RSV1 E5 D4 Reserved. (Leave unconnected, do not connect to power or ground) RSV2 K5 L4 Reserved. (Leave unconnected, do not connect to power or ground) RSV3 L5 M4 Reserved. (Leave unconnected, do not connect to power or ground) RSV4 L15 P19 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV5 R13 W16 A O Reserved. (Leave unconnected, do not connect to power or ground) Reserved. This pin must be tied directly to VSS for normal device RSV6 N19 V22 A I operation. RSV7 P19 V21 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV8 P18 U22 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV9 N18 T21 A O Reserved. (Leave unconnected, do not connect to power or ground) RSV10 N17 T22 A O Reserved. (Leave unconnected, do not connect to power or ground) Reserved. This pin must be tied directly to VSS for normal device RSV11 P16 U20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV12 P17 V20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV13 N15 T20 operation. Reserved. This pin must be tied directly to VSS for normal device RSV14 P15 T19 operation. Reserved. This pin must be tied directly to VSS for normal device RSV15 N16 U21 operation. IPD Reserved. For proper C6421 device operation, this pin must be pulled RSV16 T3 W3 I DVDD33 down via an external resistor and tied to VSS. IPD RSV17 E10 D12 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) DVDD33 IPD RSV18 E11 D13 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) DVDD33 IPD RSV19 E12 D14 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) DVDD33 RSV20 T14 Y15 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV21 T16 Y18 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) Reserved. For proper C6421 device operation, this pin must be pulled RSV22 U14 AA15 I/O/Z down via an external 1-k Ω resistor. Reserved. For proper C6421 device operation, this pin must be pulled RSV23 U16 AA18 I/O/Z down via an external 1-k Ω resistor. RSV24 W14 AA16 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV25 V14 Y16 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV26 W15 AB16 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV27 V15 AA17 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV28 U15 Y17 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV29 W16 AB17 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV30 V16 AB18 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV31 T17 AA19 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV32 V17 Y19 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) RSV33 U17 AB19 I/O/Z Reserved. (Leave unconnected, do not connect to power or ground) (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 55 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |