Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 14Page - Texas Instruments TMS320C6421 Datasheet HTML 15Page - Texas Instruments TMS320C6421 Datasheet HTML 16Page - Texas Instruments TMS320C6421 Datasheet HTML 17Page - Texas Instruments TMS320C6421 Datasheet HTML 18Page - Texas Instruments TMS320C6421 Datasheet HTML 19Page - Texas Instruments TMS320C6421 Datasheet HTML 20Page - Texas Instruments TMS320C6421 Datasheet HTML 21Page - Texas Instruments TMS320C6421 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 223 page
background image
www.ti.com
2.3 Memory Map Summary
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
Table 2-5 shows the memory map address ranges of the device. Table 2-6 depicts the expanded map of
the Configuration Space (0x0180 0000 through 0x0FFF FFFF). The device has multiple on-chip memories
associated with its two processors and various subsystems. To help simplify software development a
unified memory map is used where possible to maintain a consistent view of device resources across all
bus masters.
Table 2-5. Memory Map Summary
START
END
SIZE
C64x+
EDMA PERIPHERAL
ADDRESS
ADDRESS
(Bytes)
MEMORY MAP
MEMORY MAP
0x0000 0000
0x000F FFFF
1M
Reserved
0x0010 0000
0x0010 FFFF
64K
Boot ROM
0x0011 0000
0x007F FFFF
7M-64K
Reserved
0x0080 0000
0x0080 FFFF
64K
Reserved
0x0081 0000
0x0081 FFFF
64K
L2 RAM/Cache
(1)
0x0082 0000
0x00E0 7FFF
6048K
Reserved
0x00E0 8000
0x00E0 BFFF
16K
Reserved
Reserved
0x00E0 C000
0x00E0 FFFF
16K
L1P RAM/Cache
(2)
0x00E1 0000
0x00F0 3FFF
976K
Reserved
0x00F0 4000
0x00F0 BFFF
32K
Reserved
0x00F0 C000
0x00F0 FFFF
16K
L1D RAM
0x00F1 0000
0x00F1 7FFF
32K
L1D RAM/Cache
(2)
0x00F1 8000
0x017F FFFF
9120K
Reserved
0x0180 0000
0x01BF FFFF
4M
CFG Space
0x01C0 0000
0x01FF FFFF
4M
CFG Bus Peripherals
CFG Bus Peripherals
0x0200 0000
0x100F FFFF
225M
Reserved
0x1010 0000
0x1010 FFFF
64K
Boot ROM
Reserved
0x1011 0000
0x107F FFFF
7M-48K
Reserved
0x1080 0000
0x1080 FFFF
64K
Reserved
Reserved
0x1081 0000
0x1081 FFFF
64K
L2 RAM/Cache
(1)
L2 RAM/Cache
(1)
0x1082 0000
0x10E0 7FFF
6048K
Reserved
Reserved
0x10E0 8000
0x10E0 BFFF
16K
Reserved
Reserved
0x10E0 C000
0x10E0 FFFF
16K
L1P RAM/Cache
(2)
L1P RAM/Cache
(2)
0x10E1 0000
0x10F0 BFFF
1M-16K
Reserved
Reserved
0x10F0 C000
0x10F0 FFFF
16K
L1D RAM
L1D RAM
0x10F1 0000
0x10F1 7FFF
32K
L1D RAM/Cache
(2)
L1D RAM/Cache
(2)
0x10F1 8000
0x1FFF FFFF
241M-96K
Reserved
Reserved
0x2000 0000
0x2000 7FFF
32K
DDR2 Control Regs
DDR2 Control Regs
0x2000 8000
0x41FF FFFF
544M-32K
Reserved
Reserved
0x4200 0000
0x42FF FFFF
16M
EMIFA Data (CS2)
(3)
EMIFA Data (CS2)
(3)
0x4300 0000
0x43FF FFFF
16M
Reserved
Reserved
0x4400 0000
0x44FF FFFF
16M
EMIFA Data (CS3)
(3)
EMIFA Data (CS3)
(3)
0x4500 0000
0x45FF FFFF
16M
Reserved
Reserved
0x4600 0000
0x46FF FFFF
16M
EMIFA Data (CS4)
(3)
EMIFA Data (CS4)
(3)
0x4700 0000
0x47FF FFFF
16M
Reserved
Reserved
0x4800 0000
0x48FF FFFF
16M
EMIFA Data (CS5)
(3)
EMIFA Data (CS5)
(3)
0x4900 0000
0x4BFF FFFF
48M
Reserved
Reserved
0x4C00 0000
0x4FFF FFFF
64M
VLYNQ (Remote Data)
VLYNQ (Remote Data)
0x5000 0000
0x7FFF FFFF
768M
Reserved
Reserved
0x8000 0000
0x8FFF FFFF
256M
DDR2 Memory Controller
DDR2 Memory Controller
0x9000 0000
0xFFFF FFFF
1792M
Reserved
Reserved
(1)
On the C6421, L2 RAM/Cache defaults to all RAM (L2CFG.L2MODE = 0h)
(2)
To intialize L1P and L1D RAM/Cache to a valid cache setting, the user must follow the sequence outlined in Section 3.8, Device
Initialization Sequence After Reset.
(3)
The EMIFA CS0 and CS1 are not functionally supported on the C6421 device, and therefore, are not pinned out.
Device Overview
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com