Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 99Page - Texas Instruments TMS320C6421 Datasheet HTML 100Page - Texas Instruments TMS320C6421 Datasheet HTML 101Page - Texas Instruments TMS320C6421 Datasheet HTML 102Page - Texas Instruments TMS320C6421 Datasheet HTML 103Page - Texas Instruments TMS320C6421 Datasheet HTML 104Page - Texas Instruments TMS320C6421 Datasheet HTML 105Page - Texas Instruments TMS320C6421 Datasheet HTML 106Page - Texas Instruments TMS320C6421 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 223 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346C – JANUARY 2007 – REVISED NOVEMBER 2007
Table 3-37. EMIFA Block Major Configuration Choices
MAJOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG.
AEM
RMII
CS3SEL
CS4SEL
CS5SEL
EMIFA
(1)
RMII
GPIO
OPTION
58 GP Pins:
A
000
0
0
0
0
-
-
GP[96:89], GP[54:5]
RMII:
50 GP Pins:
RMRXER, RMRXD[1:0],
B
000
1
0
0
0
-
GP[96:89], GP[54:53],
RMTXD[1:0], REFCLK,
GP[51:34], GP[26:5],
RMCRSDV, RMTXEN
8-bit EMIFA (Async) Pinout
Mode 2:
EM_A[21:0], EM_D[7:0],
13 GP pins:
EM_R/W, EM_CS2,
GP[54:52], GP[31:22]
EM_BA[1:0],
EM_WAIT/(RDY/BSY),
Optional Selection:
C
010
0
0 or 1
0 or 1
0 or 1
-
EM_WE, EM_OE
GP[33] (CS5SEL = 0),
GP[32] (CS4SEL = 0),
Optional Selection:
GP[13] (CS3SEL = 0)
EM_CS5 (CS5SEL = 1),
EM_CS4 (CS4SEL = 1),
EM_CS3 (CS3SEL = 1)
8-bit EMIFA (Async) Pinout
Mode 2:
EM_A[21:0], EM_D[7:0],
7 GP pins:
RMII:
EM_R/W, EM_CS2,
GP[54:53], GP[26:22]
RMRXER, RMRXD[1:0],
EM_BA[1:0],
D
010
1
0 or 1
0
0
RMTXD[1:0], REFCLK,
EM_WAIT/(RDY/BSY),
Optional Selection:
RMCRSDV, RMTXEN
EM_WE, EM_OE
GP[13] (CS3SEL = 0)
Optional Selection:
EM_CS3 (CS3SEL = 1)
8-bit EMIFA (NAND) Pinout
Mode 5:
44 GP pins:
EM_D[7:0], EM_A[2:1],
GP[96:89], GP[54:34],
EM_CS2,
GP[31:22], GP[11:10],
EM_WAIT/(RDY/BSY),
GP[7:5]
E
101
0
0 or 1
0 or 1
0 or 1
-
EM_WE, EM_OE
Optional Selection:
Optional Selection:
GP[33] (CS5SEL = 0),
EM_CS5 (CS5SEL = 1),
GP[32] (CS4SEL = 0),
EM_CS4 (CS4SEL = 1),
GP[13] (CS3SEL = 0)
EM_CS3 (CS3SEL = 1)
8-bit EMIFA (NAND) Pinout
Mode 5:
38 GP pins:
EM_D[7:0], EM_A[2:1],
GP[96:89], GP[54:34],
RMII:
EM_CS2,
GP[26:22], GP[11:10],
RMRXER, RMRXD[1:0],
F
101
1
0 or 1
0
0
EM_WAIT/(RDY/BSY),
GP[7:5]
RMTXD[1:0], REFCLK,
EM_WE, EM_OE
RMCRSDV, RMTXEN
Optional Selection:
Optional Selection:
GP[13] (CS3SEL = 0)
EM_CS3 (CS3SEL = 1)
(1)
The EMIFA pins EM_WAIT/(RDY/BSY), EM_OE, and EM_WE are non-multiplexed pins. They are available in all the configuration
options. However, they are only useful if additional EMIFA pins are functional. Therefore in this table, these pins are only listed in
configuration options C,D,E, and F.
The following is an example on how to read Table 3-37. For example, the "PINMUX Selection Fields"
columns indicate that Major Configuration Choice C is selected through setting PINMUX0.AEM = 010b
and PINMUX0.RMII = 0. Other PINMUX0 fields CS3SEL, CS4SEL, and CS5SEL can be set to either 0 or
1 based on the system's EMIFA Chip Select space need. The "Resulting Peripherals/Pins" columns
indicate that Major Configuration Option C can support the following combination of pin functions:
• Pins for 8-bit EMIFA (Async or NAND) function with EMIFA Chip Select space 2 (EM_CS2). If
additional Chip Select spaces are needed, set the corresponding PINMUX bit (CS5SEL, CS4SEL,
and/or CS3SEL) to 1.
• At least 13 GPIO pins. If the additional Chip Select spaces from EM_CS3, EM_CS4, or EM_CS5 are
not needed, the corresponding PINMUX bit (CS3SEL, CS4SEL, and/or CS5SEL) can be set to 0 to get
additional GPIO pins.
3.7.3.11.2 EMIFA Block Pin-By-Pin Multiplexing Summary
This section summarizes the EMIFA Block muxing on a pin-by-pin basis. It provides an alternative view to
pin muxing in the EMIFA Block. It summarizes the EMIFA Block pin muxing by dividing up the EMIFA
Block based on the PINMUX field that controls the pins. To determine the actual EMIFA Major
Configuration Option for the application need, see Section 3.7.3.11.1, EMIFA Block Major Configuration
Choices.
Submit Documentation Feedback
Device Configurations
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com